Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD632AD Datasheet (PDF) - Analog Devices

AD632AD Datasheet PDF - Analog Devices
Part # AD632AD
Download  AD632AD Download
File Size   458.38 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Internally Trimmed Precision IC Multiplier

AD632AD Datasheet (PDF)

Go To PDF Page Download Datasheet
AD632AD Datasheet PDF - Analog Devices

Part # AD632AD
Download  AD632AD Click to download

File Size   458.38 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Internally Trimmed Precision IC Multiplier

AD632AD Datasheet (HTML) - Analog Devices


AD632AD Product details

GENERAL DESCRIPTION
The AD632 is an internally trimmed monolithic four-quadrant multiplier/divider. The AD632B has a maximum multiplying error of ±0.5% without external trims.
   
FEATURES
    Pretrimmed to ±0.5% maximum 4-quadrant error
    All inputs (X, Y, and Z) differential, high impedance for
        [(X1 − X2)(Y1 − Y2)/10] + Z2 transfer function
    Scale-factor adjustable to provide up to ×10 gain
    Low noise design: 90 mV rms, 10 Hz to 10 kHz
    Low cost, monolithic construction
    Excellent long-term stability
   
APPLICATIONS
    High quality analog signal processing
    Differential ratio and percentage computations
    Algebraic and trigonometric function synthesis
    Accurate voltage controlled oscillators and filters
   




Similar Part No. - AD632AD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD632AD AD-AD632AD Datasheet
177Kb / 6P
Internally Trimmed Precision IC Multiplier
REV.A
AD632AD AD-AD632AD Datasheet
300Kb / 12P
Internally Trimmed Precision IC Multiplier
Rev. D
AD632ADZ AD-AD632ADZ Datasheet
300Kb / 12P
Internally Trimmed Precision IC Multiplier
Rev. D
More results


Similar Description - AD632AD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD532 AD-AD532 Datasheet
136Kb / 7P
Internally Trimmed Integrated Circuit Multiplier
AD534 AD-AD534 Datasheet
159Kb / 12P
Internally Trimmed Precision IC Multiplier
AD632 AD-AD632 Datasheet
177Kb / 6P
Internally Trimmed Precision IC Multiplier
REV.A
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. C
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD532 AD-AD532_15 Datasheet
559Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
REV. D
AD534 AD-AD534_15 Datasheet
530Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
AD510 AD-AD510 Datasheet
378Kb / 4P
Low Cost, Laser Trimmed, Precision IC Op Amp
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com