Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD667JP Datasheet (PDF) - Analog Devices

AD667JP Datasheet PDF - Analog Devices
Part # AD667JP
Download  AD667JP Download
File Size   759.27 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microprocessor-Compatible 12-Bit D/A Converter

AD667JP Datasheet (PDF)

Go To PDF Page Download Datasheet
AD667JP Datasheet PDF - Analog Devices

Part # AD667JP
Download  AD667JP Click to download

File Size   759.27 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microprocessor-Compatible 12-Bit D/A Converter

AD667JP Datasheet (HTML) - Analog Devices


AD667JP Product details

PRODUCT DESCRIPTION
The AD667 is a complete voltage output 12-bit digital-to-analog converter including a high stability buried Zener voltage reference and double-buffered input latch on a single chip. The converter uses 12 precision high speed bipolar current steering switches and a laser trimmed thin-film resistor network to provide fast settling time and high accuracy.

FEATURES
    Complete 12-Bit D/A Function
        Double-Buffered Latch
        On Chip Output Amplifier
        High Stability Buried Zener Reference
    Single Chip Construction
    Monotonicity Guaranteed Over Temperature
    Linearity Guaranteed Over Temperature: 1/2 LSB max
    Settling Time: 3 μs max to 0.01%
    Guaranteed for Operation with ±12 V or ±15 V
        Supplies
    Low Power: 300 mW Including Reference
    TTL/5 V CMOS Compatible Logic Inputs
    Low Logic Input Currents
    MIL-STD-883 Compliant Versions Available
   
   




Similar Part No. - AD667JP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD667JP AD-AD667JP Datasheet
327Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
AD667JP AD-AD667JP Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667JP AD-AD667JP Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Similar Description - AD667JP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD767 AD-AD767 Datasheet
289Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV.A
logo
Intersil Corporation
ICL7109 INTERSIL-ICL7109 Datasheet
962Kb / 25P
12-Bit, Microprocessor- Compatible A/D Converter
November 2000
logo
Analog Devices
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767KNZ AD-AD767KNZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD567SD AD-AD567SD Datasheet
7Mb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667JNZ AD-AD667JNZ Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667 AD-AD667_15 Datasheet
759Kb / 8P
Microprocessor Compatible 12 bit D/A Converter
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com