Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB20163R3M Datasheet (PDF) - Linear Technology

LB20163R3M Datasheet PDF - Linear Technology
Part # LB20163R3M
Download  LB20163R3M Download
File Size   426.65 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT

LB20163R3M Datasheet (PDF)

Go To PDF Page Download Datasheet
LB20163R3M Datasheet PDF - Linear Technology

Part # LB20163R3M
Download  LB20163R3M Click to download

File Size   426.65 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT

LB20163R3M Datasheet (HTML) - Linear Technology




Similar Part No. - LB20163R3M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2016 TAIYO-YUDEN-LB2016 Datasheet
289Kb / 13P
WIRE-WOUND CHIP INDUCTORS (LB SERIES)
logo
ON Semiconductor
LB2016B100 ONSEMI-LB2016B100 Datasheet
172Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
LB2016B4R7 ONSEMI-LB2016B4R7 Datasheet
172Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
logo
Pepperl+Fuchs Inc.
LB2016E PF-LB2016E Datasheet
309Kb / 5P
Digital Output with Position Feedback
2021-12-01
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100 TAIYO-YUDEN-LB2016T100 Datasheet
2Mb / 47P
WOUND CHIP INDUCTORS
More results


Similar Description - LB20163R3M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462 LINER-LT3462_15 Datasheet
233Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A_15 Datasheet
233Kb / 8P
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1931 LINER-LT1931_15 Datasheet
454Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LTC3527 LINER-LTC3527_15 Datasheet
369Kb / 22P
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com