Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7492AR Datasheet (PDF) - Analog Devices

AD7492AR Datasheet PDF - Analog Devices
Part # AD7492AR
Download  AD7492AR Download
File Size   513.91 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC

AD7492AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7492AR Datasheet PDF - Analog Devices

Part # AD7492AR
Download  AD7492AR Click to download

File Size   513.91 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC

AD7492AR Datasheet (HTML) - Analog Devices


AD7492AR Product details

GENERAL DESCRIPTION
The AD7492, AD7492-4, and AD7492-5 are 12-bit high speed, low power, successive approximation ADCs. The parts operate from a single 2.7 V to 5.25 V power supply and feature throughput rates up to 1.25 MSPS. They contain a low noise, wide bandwidth track/hold amplifier that can handle bandwidths up to 10 MHz.

FEATURES
   Specified for VDD of 2.7 V to 5.25 V
   Throughput rate of 1 MSPS (AD7492)
   Throughput rate of 1.25 MSPS (AD7492-5)
   Throughput rate of 400 kSPS (AD7492-4)
   Low power
   4 mW typ at 1 MSPS with 3 V supplies
   11 mW typ at 1 MSPS with 5 V supplies
   Wide input bandwidth
   70 dB typ SNR at 100 kHz input frequency
   2.5 V internal reference
   On-chip CLK oscillator
   Flexible power/throughput rate management
   No pipeline delays
   High speed parallel interface
   Sleep mode: 50 nA typ
   24-lead SOIC and TSSOP packages




Similar Part No. - AD7492AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7492AR AD-AD7492AR Datasheet
194Kb / 16P
1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. 0
AD7492AR AD-AD7492AR Datasheet
374Kb / 25P
1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
5/06-Rev. 0 to Rev. A
AD7492AR-5 AD-AD7492AR-5 Datasheet
194Kb / 16P
1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. 0
AD7492AR-5-REEL7 AD-AD7492AR-5-REEL7 Datasheet
513Kb / 24P
1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492AR-5-REEL7 AD-AD7492AR-5-REEL7 Datasheet
374Kb / 25P
1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
5/06-Rev. 0 to Rev. A
More results


Similar Description - AD7492AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7470 AD-AD7470 Datasheet
197Kb / 16P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
AD7667 AD-AD7667 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7492 AD-AD7492_01 Datasheet
194Kb / 16P
1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. 0
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7492ARZ AD-AD7492ARZ Datasheet
513Kb / 24P
1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7472ARZ AD-AD7472ARZ Datasheet
325Kb / 20P
1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7492 AD-AD7492_15 Datasheet
513Kb / 24P
1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7492 AD-AD7492_17 Datasheet
374Kb / 25P
1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
5/06-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com