Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7564BRSZ Datasheet (PDF) - Analog Devices

AD7564BRSZ Datasheet PDF - Analog Devices
Part # AD7564BRSZ
Download  AD7564BRSZ Download
File Size   468.84 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC

AD7564BRSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7564BRSZ Datasheet PDF - Analog Devices

Part # AD7564BRSZ
Download  AD7564BRSZ Click to download

File Size   468.84 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC

AD7564BRSZ Datasheet (HTML) - Analog Devices


AD7564BRSZ Product details

GENERAL DESCRIPTION
The AD7564 contains four 12-bit DACs in one monolithic device. The DACs are standard current output with separate VREF, IOUT1, IOUT2 and RFB terminals. These DACs operate from a single +3.3 V to +5 V supply.

FEATURES
    Four 12-Bit DACs in One Package
    4-Quadrant Multiplication
    Separate References
    Single Supply Operation
    Guaranteed Specifications with +3.3 V/+5 V Supply
    Low Power
    Versatile Serial Interface
    Simultaneous Update Capability
    Reset Function
    28-Pin SOIC, SSOP and DIP Packages

APPLICATIONS
    Process Control
    Portable Instrumentation
    General Purpose Test Equipment




Similar Part No. - AD7564BRSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7564BRS AD-AD7564BRS Datasheet
392Kb / 16P
LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV.A
More results


Similar Description - AD7564BRSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7564 AD-AD7564 Datasheet
392Kb / 16P
LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV.A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
LC2MOS Quad 14-Bit DAC
REV.A
AD7836 AD-AD7836 Datasheet
174Kb / 12P
LC2MOS Quad 14-Bit DAC
REV.A
AD7880 AD-AD7880 Datasheet
337Kb / 16P
LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV.0
AD7883 AD-AD7883 Datasheet
349Kb / 12P
LC2MOS 12-Bit, 3.3 V Sampling ADC
REV.0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
LC2MOS Quad 14-Bit DAC
REV. A
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7564 AD-AD7564_15 Datasheet
468Kb / 17P
3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com