Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD73311LAR Datasheet (PDF) - Analog Devices

AD73311LAR Datasheet PDF - Analog Devices
Part # AD73311LAR
Download  AD73311LAR Download
File Size   357.57 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power CMOS General Purpose Analog Front End

AD73311LAR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD73311LAR Datasheet PDF - Analog Devices

Part # AD73311LAR
Download  AD73311LAR Click to download

File Size   357.57 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Power CMOS General Purpose Analog Front End

AD73311LAR Datasheet (HTML) - Analog Devices


AD73311LAR Product details

GENERAL DESCRIPTION
The AD73311L is a complete front-end processor for general purpose applications including speech and telephony.
   
FEATURES
    16-Bit A/D Converter
    16-Bit D/A Converter
    Programmable Input/Output Sample Rates
    76 dB ADC SNR
    77 dB DAC SNR
    Programmable Sampling Rate
        64 kS/s Maximum Sample Rate
    –90 dB Crosstalk
    Low Group Delay (25 ms Typ per ADC Channel,
        50 ms Typ per DAC Channel)
    Programmable Input/Output Gain
    Flexible Serial Port Which Allows Up to Eight Devices
        to Be Connected in Cascade
    Single (+3 V) Supply Operation
    33 mW Max Power Consumption at 2.7 V
    On-Chip Reference
    20-Lead SOIC/SSOP/TSSOP Packages
   
APPLICATIONS
    General Purpose Analog I/O
    Speech Processing
    Cordless and Personal Communications
    Telephony
    Active Control of Sound and Vibration
    Data Communications
   




Similar Part No. - AD73311LAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311LAR AD-AD73311LAR Datasheet
382Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
AD73311LARS AD-AD73311LARS Datasheet
382Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
AD73311LARU AD-AD73311LARU Datasheet
382Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Similar Description - AD73311LAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73311 AD-AD73311 Datasheet
334Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
AD73311L AD-AD73311L Datasheet
382Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
AD73322 AD-AD73322 Datasheet
386Kb / 43P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311ARSZ AD-AD73311ARSZ Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com