Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT24C32 Datasheet (PDF) - ON Semiconductor

CAT24C32 Datasheet PDF - ON Semiconductor
Part # CAT24C32
Download  CAT24C32 Download
File Size   182.89 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 32-Kb I2C CMOS Serial EEPROM

CAT24C32 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT24C32 Datasheet PDF - ON Semiconductor

Part # CAT24C32
Download  CAT24C32 Click to download

File Size   182.89 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 32-Kb I2C CMOS Serial EEPROM

CAT24C32 Datasheet (HTML) - ON Semiconductor


CAT24C32 Product details

Description

The CAT24C32 is a 32−Kb CMOS Serial EEPROM devices, internally organized as 4096 words of 8 bits each.

It features a 32−byte page write buffer and supports the Standard (100 kHz), Fast (400 kHz) and Fast−Plus (1 MHz) I2C protocol.

External address pins make it possible to address up to eight CAT24C32 devices on the same bus.



Features

• Supports Standard, Fast and Fast−Plus I2C Protocol

• 1.7 V to 5.5 V Supply Voltage Range

• 32−Byte Page Write Buffer

• Hardware Write Protection for Entire Memory

• Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs (SCL and SDA)

• Low Power CMOS Technology

• 1,000,000 Program/Erase Cycles

• 100 Year Data Retention

• Industrial and Extended Temperature Range

• PDIP, SOIC, TSSOP, UDFN, US 8−lead, WLCSP 4−ball and 5−ball Packages

• This Device is Pb−Free, Halogen Free/BFR Free, and RoHS Compliant



 




Similar Part No. - CAT24C32

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
32-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C32 ONSEMI-CAT24C32 Datasheet
182Kb / 14P
32-Kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 12
CAT24C32 ONSEMI-CAT24C32 Datasheet
144Kb / 16P
32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
CAT24C32 ONSEMI-CAT24C32 Datasheet
405Kb / 22P
EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
logo
Catalyst Semiconductor
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
More results


Similar Description - CAT24C32

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
32-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C32 ONSEMI-CAT24C32 Datasheet
182Kb / 14P
32-Kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 12
CAT24C32 ONSEMI-CAT24C32_12 Datasheet
182Kb / 17P
32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
LE2432DXA ONSEMI-LE2432DXA Datasheet
310Kb / 17P
32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C32 ONSEMI-CAT24C32_15 Datasheet
144Kb / 16P
32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
CAV24C32 ONSEMI-CAV24C32_16 Datasheet
113Kb / 12P
32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
N24C32 ONSEMI-N24C32 Datasheet
89Kb / 10P
32 Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
CAV24C32 ONSEMI-CAV24C32_18 Datasheet
319Kb / 17P
EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com