Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF6VP2600HR6 Datasheet (PDF) - Freescale Semiconductor, Inc

MRF6VP2600HR6 Datasheet PDF - Freescale Semiconductor, Inc
Part # MRF6VP2600HR6
Download  MRF6VP2600HR6 Download
File Size   1443.9 Kbytes
Page   19 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET

MRF6VP2600HR6 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF6VP2600HR6 Datasheet PDF - Freescale Semiconductor, Inc

Part # MRF6VP2600HR6
Download  MRF6VP2600HR6 Click to download

File Size   1443.9 Kbytes
Page   19 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET

MRF6VP2600HR6 Datasheet (HTML) - Freescale Semiconductor, Inc


MRF6VP2600HR6 Product details

2--500 MHz, 600 W, 50 V LATERAL N--CHANNEL BROADBAND RF POWER MOSFET

Designed primarily for wideband applications with frequencies up to 500 MHz. Device is unmatched and is suitable for use in broadcast applications.

• Typical DVB--T OFDM Performance: VDD = 50 Volts, IDQ = 2600 mA, Pout = 125 Watts Avg., f = 225 MHz, Channel Bandwidth = 7.61 MHz, Input Signal PAR = 9.3 dB @ 0.01% Probability on CCDF.
   Power Gain — 25 dB
   Drain Efficiency — 28.5%
   ACPR @ 4 MHz Offset — --61 dBc @ 4 kHz Bandwidth
• Typical Pulsed Performance: VDD = 50 Volts, IDQ = 2600 mA, Pout = 600 Watts Peak, f = 225 MHz, Pulse Width = 100 μsec, Duty Cycle = 20%
   Power Gain — 25.3 dB
   Drain Efficiency — 59%
• Capable of Handling 10:1 VSWR, @ 50 Vdc, 225 MHz, 600 Watts Peak Power, Pulse Width = 100 μsec, Duty Cycle = 20%

Features
• Characterized with Series Equivalent Large--Signal Impedance Parameters
• CW Operation Capability with Adequate Cooling
• Qualified Up to a Maximum of 50 VDD Operation
• Integrated ESD Protection
• Designed for Push--Pull Operation
• Greater Negative Gate--Source Voltage Range for Improved Class C Operation
• RoHS Compliant
• In Tape and Reel. R6 Suffix = 150 Units per 56 mm, 13 inch Reel.




Similar Part No. - MRF6VP2600HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP2600HR6 FREESCALE-MRF6VP2600HR6 Datasheet
656Kb / 18P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP2600HR6 FREESCALE-MRF6VP2600HR6 Datasheet
1Mb / 19P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP2600HR6 FREESCALE-MRF6VP2600HR6_10 Datasheet
1Mb / 19P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
More results


Similar Description - MRF6VP2600HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com