Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3006 Datasheet (PDF) - Littelfuse

SP3006 Datasheet PDF - Littelfuse
Part # SP3006
Download  SP3006 Download
File Size   1611.78 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 0.5pF, 8kV Diode Array

SP3006 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3006 Datasheet PDF - Littelfuse

Part # SP3006
Download  SP3006 Click to download

File Size   1611.78 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 0.5pF, 8kV Diode Array

SP3006 Datasheet (HTML) - Littelfuse


SP3006 Product details

Description
The SP3006 Series includes ultra low capacitance back to back zener diodes to protect high-speed ports of electronic equipment that may experience destructive electrostatic discharges (ESD). The robust diode can safely absorb repetitive ESD strikes at the maximum level specified in the IEC 61000-4-2 international standard (Level 4, ±8kV contact discharge) without performance degradation. Its very low loading capacitance makes it ideal for protecting high-speed data lines such as USB2.0, USB3.0, HDMI, and IEEE 1394.

Features
• ESD protection of ±8kV contact discharge, ±15kV air discharge, (IEC61000-4-2)
• EFT protection, IEC61000-4-4, 40A (5/50ns)
• Lightning Protection, IEC61000-4-5, 2.0A (8/20µs)
• Low capacitance of 0.5pF (@ VR=0V)
• Low leakage current of 0.5μA (MAX) at 5V
• Miniature SOT563 package (1.6x1.6x0.5mm) saves board space

Applications
• Game Consoles
• LCD/ PDP TVs
• DVD Players
• Desktops
• MP3/ PMP
• Digital Cameras
• Set Top Boxes
• Smart Phones
• Notebooks
• Computer Peripherals




Similar Part No. - SP3006

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP30001 SIPAT-SP30001 Datasheet
160Kb / 4P
300MHz Low-loss SAW Filter 45MHz Bandwidth
SP30001 SIPAT-SP30001 Datasheet
165Kb / 4P
300MHz Low-loss SAW Filter 45MHz Bandwidth
logo
List of Unclassifed Man...
SP3000ACP ETC-SP3000ACP Datasheet
2Mb / 52P
Industrial Control and General purpose enclosed Transformers
SP3000MQMJ ETC-SP3000MQMJ Datasheet
2Mb / 52P
Industrial Control and General purpose enclosed Transformers
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
Low Capacitance ESD Protection Array
More results


Similar Description - SP3006

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1002 LITTELFUSE-SP1002_11 Datasheet
232Kb / 4P
SP1002 Series 5pF 8kV Bidirectional TVS Array
SP3012 LITTELFUSE-SP3012 Datasheet
805Kb / 4P
SP3012 Series 0.5pF Rail Clamp Array
logo
GETAI ELECTRONICS DEVIC...
2CL2FF GETEDZ-2CL2FF Datasheet
66Kb / 1P
8kV 60mA HIGH VOLTAGE DIODE
CL03-08 GETEDZ-CL03-08 Datasheet
80Kb / 1P
8kV 400mA HIGH VOLTAGE DIODE
GT-FOB GETEDZ-GT-FOB Datasheet
101Kb / 1P
8kV 500mA HIGH VOLTAGE DIODE
ESJC30-08 GETEDZ-ESJC30-08 Datasheet
101Kb / 1P
8kV 300mA HIGH VOLTAGE DIODE
logo
Littelfuse
SP723 LITTELFUSE-SP723_12 Datasheet
227Kb / 6P
5pF 8kV Diode Array
SP1002 LITTELFUSE-SP1002_17 Datasheet
683Kb / 4P
5pF 8kV Bidirectional TVS Array
SP1004 LITTELFUSE-SP1004_17 Datasheet
704Kb / 4P
5pF 8kV Bidirectional TVS Array
SP1255P LITTELFUSE-SP1255P Datasheet
964Kb / 5P
SP1255P Series 0.5pF, 12kV Diode Array for μUSB
2019 Littelfuse, Inc
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com