Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9248 Datasheet (PDF) - Torex Semiconductor

XC9248 Datasheet PDF - Torex Semiconductor
Part # XC9248
Download  XC9248 Download
File Size   571.06 Kbytes
Page   21 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter

XC9248 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9248 Datasheet PDF - Torex Semiconductor

Part # XC9248
Download  XC9248 Click to download

File Size   571.06 Kbytes
Page   21 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter

XC9248 Datasheet (HTML) - Torex Semiconductor


XC9248 Product details

■ GENERAL DESCRIPTION
The XC9248 series is 18V bootstrap synchronous step-down DC/DC converter with built-in Nch-Nch driver transistors.
With an input voltage range from 4.5V to 18V and a maximum output current of 2.2A, the series is suitable for digital home appliance power supplies and can be used with small ceramic capacitors.
The series has a 0.8V reference voltage, and using externally connected resistors, the output voltage can be set freely from 1.0V to 12V.
The control method is synchronous PWM (Source/ Sink). The soft start time is internally set to 2.8ms (TYP.), also can be adjusted using external capacitor.
With UVLO (Under Voltage Lock Out) function, the internal driver transistors are forced OFF when input voltage falls down below 3.8V (TYP.).
The series includes over current protection, VOUT short-circuit protection, Lx short-circuit protection, VOUT overvoltage protection and thermal shutdown.

■FEATURES
   Input Voltage : 4.5V ~ 18V
   Output Voltage : 1.0V~12V (VFB=0.8V±1.5%) (*1)
   Output Current : 2.2A
   Efficiency : 93.8% (*1) @VIN=12V,VOUT=5V, IOUT=700mA
   Oscillation Frequency : 500kHz
   Maximum Duty Cycle : 79%
   Soft-Start Time : Fixed2.8ms, set by external capacitor
   Protection Circuit :
      UVLO
      High side over current protection
      Low side over current protection
      VOUT Short-circuit Protection
      LX Short-circuit Protection
      VOUT Over voltage protection
      Thermal shutdown
   Package : SOP-8FD
   Environmentally Friendly : EU RoHS Compliant, Pb Free
   (*1) Performance depends on external components and wiring on the PCB.
  
■ APPLICATIONS
● Digital home appliance
● Office automation equipment
● Notebook computers
● Car accessories power supplies




Similar Part No. - XC9248

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9242 TOREX-XC9242 Datasheet
862Kb / 29P
2A Synchronous Step-Down DC/DC Converters
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
2A Synchronous Step-Down DC/DC Converters
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
400mA Synchronous Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246B65CMR-G TOREX-XC9246B65CMR-G Datasheet
137Kb / 1P
PWM Switching Control,Step-Down DC/DC Converter
More results


Similar Description - XC9248

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9213 TOREX-XC9213 Datasheet
61Kb / 5P
Driver Transistor Built-In Synchronous Step-Down DC/DC Controller Ics
logo
Linear Technology
LTC3608 LINER-LTC3608 Datasheet
372Kb / 24P
18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
logo
Torex Semiconductor
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
logo
Linear Technology
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
logo
ELM Technology Corporat...
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
2A 18V 500kHz synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
Fitipower Integrated Te...
FR9872 FITIPOWER-FR9872 Datasheet
726Kb / 13P
18V, 2.5A, 1.4MHz Synchronous Step-Down DC/DC Converter
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com