Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD781JN Datasheet (PDF) - Analog Devices

AD781JN Datasheet PDF - Analog Devices
Part # AD781JN
Download  AD781JN Download
File Size   675.33 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 700 ns Sample-and-hold amplifier

AD781JN Datasheet (PDF)

Go To PDF Page Download Datasheet
AD781JN Datasheet PDF - Analog Devices

Part # AD781JN
Download  AD781JN Click to download

File Size   675.33 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 700 ns Sample-and-hold amplifier

AD781JN Datasheet (HTML) - Analog Devices


AD781JN Product details

PRODUCT DESCRIPTION
The AD781 is a high speed monolithic sample-and-hold amplifier (SHA). The AD781 guarantees a maximum acquisition time of 700 ns to 0.01% over temperature. The AD781 is specified and tested for hold mode total harmonic distortion and hold mode signal-to-noise and distortion. The AD781 is configured as a unity gain amplifier and uses a self-correcting architecture that minimizes hold mode errors and insures accuracy over temperature. The AD781 is self-contained and requires no external components or adjustments.

FEATURES
    Acquisition Time to 0.01%: 700 ns Maximum
    Low Power Dissipation: 95 mW
    Low Droop Rate: 0.01 μV/μs
    Fully Specified and Tested Hold Mode Distortion
    Total Harmonic Distortion: –80 dB Maximum
    Aperture Jitter: 75 ps Maximum
    Internal Hold Capacitor
    Self-Correcting Architecture
    8-Pin Mini Cerdip and Plastic Package
    MIL-STD-883 Compliant Versions Available




Similar Part No. - AD781JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD781JN AD-AD781JN Datasheet
153Kb / 8P
Complete 700 ns Sample-and-Hold Amplifier
REV.A
More results


Similar Description - AD781JN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
Sample-and-hold amplifier
August 31, 1994
logo
Analog Devices
AD781 AD-AD781 Datasheet
153Kb / 8P
Complete 700 ns Sample-and-Hold Amplifier
REV.A
AD783 AD-AD783 Datasheet
131Kb / 8P
Complete Very High Speed Sample-and-Hold Amplifier
REV.A
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
National Semiconductor ...
LF6197 NSC-LF6197 Datasheet
214Kb / 12P
160 ns Monolithic Sample-and-Hold Amplifier
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
64ns Sample and Hold Amplifier
April 12, 2007
logo
Analog Devices
AD783JRZ AD-AD783JRZ Datasheet
610Kb / 8P
Complete Very High Speed Sample-and-Hold Amplifier
REV. A
AD781 AD-AD781_15 Datasheet
675Kb / 8P
Complete 700 ns Sample and Hold Amplifier
REV. A
AD783 AD-AD783_15 Datasheet
703Kb / 9P
Complete Very High Speed Sample and Hold Amplifier
REV. B
logo
Intersil Corporation
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
64ns Sample and Hold Amplifier
April 25, 2013
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com