Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7724 Datasheet (PDF) - Analog Devices

AD7724 Datasheet PDF - Analog Devices
Part # AD7724
Download  AD7724 Download
File Size   272.06 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual CMOS - Modulators

AD7724 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7724 Datasheet PDF - Analog Devices

Part # AD7724
Download  AD7724 Click to download

File Size   272.06 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual CMOS - Modulators

AD7724 Datasheet (HTML) - Analog Devices


AD7724 Product details

GENERAL DESCRIPTION
This device consists of two seventh order sigma-delta modulators. Each modulator converts its analog input signal into a high speed 1-bit data stream. The part operates from a 5 V power supply and accepts a differential input range of 0 V to +2.5 V or ±1.25 V centered about a common-mode bias. The analog inputs are continuously sampled by the analog modulators, eliminating the need for external sample-and-hold circuitry. The input information is contained in the output stream as a density of ones. The original information can be digitally reconstructed with an appropriate digital filter.

FEATURES
   13 MHz Master Clock Frequency
   0 V to +2.5 V or ±1.25 V Input Range
   Single Bit Output Stream
   90 dB Dynamic Range
   Power Supplies
      AVDD, DVDD: 5 V ± 5%
      DVDD1: 3 V ± 5%
   Logic Outputs 3 V/5 V Compatible
   On-Chip 2.5 V Voltage Reference
   48-Lead LQFP




Similar Part No. - AD7724

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7724 AD-AD7724 Datasheet
552Kb / 14P
Dual CMOS Modulators
REV.A
AD7724 AD-AD7724 Datasheet
320Kb / 17P
Dual CMOS Modulators
23-Feb-2017
AD7724AST AD-AD7724AST Datasheet
552Kb / 14P
Dual CMOS Modulators
REV.A
AD7724 AD-AD7724_15 Datasheet
293Kb / 16P
Dual CMOS Modulators
REV. B
AD7724 AD-AD7724_17 Datasheet
320Kb / 17P
Dual CMOS Modulators
23-Feb-2017
More results


Similar Description - AD7724

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7724 AD-AD7724 Datasheet
552Kb / 14P
Dual CMOS Modulators
REV.A
logo
Tyco Electronics
MADR-007131-000100 MACOM-MADR-007131-000100 Datasheet
352Kb / 6P
Dual Linear Driver for Vector Modulators
logo
M/A-COM Technology Solu...
MADRCC0002 MA-COM-MADRCC0002 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
logo
Freescale Semiconductor...
MC44CC373CA FREESCALE-MC44CC373CA Datasheet
436Kb / 28P
CMOS Audio/Video RF Modulators
logo
M/A-COM Technology Solu...
MADR-007131-000100 MA-COM-MADR-007131-000100 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
MADRCC0002 MA-COM-MADRCC0002 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
logo
Analog Devices
AD7724 AD-AD7724_15 Datasheet
293Kb / 16P
Dual CMOS Modulators
REV. B
logo
M/A-COM Technology Solu...
MADR-007131-000100 MA-COM-MADR-007131-000100_15 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
MADR-007131 MA-COM-MADR-007131 Datasheet
683Kb / 8P
Dual Linear Driver for Vector Modulators
logo
Analog Devices
AD7724 AD-AD7724_17 Datasheet
320Kb / 17P
Dual CMOS Modulators
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com