Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30KPA Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

30KPA Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 30KPA
Download  30KPA Download
File Size   157.9 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description STAND-OFF VOLTAGE-30 TO 288 Volts 30000 Watt Peak Pulse Power

30KPA Datasheet (PDF)

Go To PDF Page Download Datasheet
30KPA Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 30KPA
Download  30KPA Click to download

File Size   157.9 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description STAND-OFF VOLTAGE-30 TO 288 Volts 30000 Watt Peak Pulse Power

30KPA Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


30KPA Product details

STAND-OFF VOLTAGE-28 TO 288 Volts
30000 Watt Peak Pulse Power

FEATURES
◎ Glass passivated junction
◎ 30000W Peak Pulse Power capability on 10/1000µs waveform
◎ Excellent clamping capability
◎ Repetition rate (duty cycle):0.05%
◎ Low incremental surge resistance
◎ Fast response time: typically less than 1.0ps from 0 Volts to BV min.
◎ High temperature soldering guaranteed: 265°C/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension
◎ Pb-free plated
◎ Plastic package




Similar Part No. - 30KPA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30KPA LITTELFUSE-30KPA Datasheet
129Kb / 5P
Transient Voltage Suppression Diodes Axial Leaded - 30000W
30KPA LITTELFUSE-30KPA Datasheet
138Kb / 5P
Transient Voltage Suppression Diodes
logo
MERITEK ELECTRONICS COR...
30KPA MERITEK-30KPA Datasheet
448Kb / 4P
Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
30KPA RUILON-30KPA Datasheet
904Kb / 7P
Transient Voltage Suppressors
logo
StarHope
30KPA SPSEMI-30KPA Datasheet
718Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-28 TO 288 Volts
More results


Similar Description - 30KPA

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
TVS-30KPA SPSEMI-TVS-30KPA Datasheet
325Kb / 5P
Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 28 to 288 Volts 30000 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SACB SPSEMI-TVS-SACB Datasheet
105Kb / 4P
Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
ASS-PKL SPSEMI-ASS-PKL Datasheet
113Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
ASS-PKR SPSEMI-ASS-PKR Datasheet
112Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 6000 Watt Peak Pulse Power
ASS-PKS SPSEMI-ASS-PKS Datasheet
113Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 12000 Watt Peak Pulse Power
ASS-PKT SPSEMI-ASS-PKT Datasheet
112Kb / 5P
Axial Auto Surge Suppressor Stand-off Voltage - 24 to 48 Volts 18000 Watt Peak Pulse Power
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com