Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22057 Datasheet (PDF) - Analog Devices

AD22057 Datasheet PDF - Analog Devices
Part # AD22057
Download  AD22057 Download
File Size   118.94 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply Sensor Interface Amplifier

AD22057 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD22057 Datasheet PDF - Analog Devices

Part # AD22057
Download  AD22057 Click to download

File Size   118.94 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply Sensor Interface Amplifier

AD22057 Datasheet (HTML) - Analog Devices


AD22057 Product details

GENERAL DESCRIPTION
The AD22057 is a single-supply difference amplifier for amplifying and low-pass filtering small differential voltages (typically 100 mV FS at a gain of 40) from sources having a large common mode voltage.

FEATURES
   Gain of 320. Alterable from x1 to x160
   Input CMR from Below Ground to 6x (VS – 1 V)
   Output Span 20 mV to (VS – 0.2) V
   1-, 2-, 3-Pole Low-Pass Filtering Available
   Accurate Midscale Offset Capability
   Differential Input Resistance 400 kΩ
   Drives 1 kV Load to +4 V Using VS = +5 V
   Supply Voltage: +3.0 V to +36 V
   Transient Spike Protection and RFI Filters Included
   Peak Input Voltage (40 ms): 60 V
   Reversed Supply Protection: –34 V
   Operating Temperature Range: –40°C to +125°C

APPLICATIONS
   Current Sensing
   Motor Control
   Interface for Pressure Transducers, Position Indicators,
      Strain Gages, and Other Low Level Signal Sources
   Accelerometers




Similar Part No. - AD22057

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22057 AD-AD22057 Datasheet
192Kb / 8P
Single-Supply Sensor Interface Amplifier
AD22057N AD-AD22057N Datasheet
192Kb / 8P
Single-Supply Sensor Interface Amplifier
AD22057R AD-AD22057R Datasheet
192Kb / 8P
Single-Supply Sensor Interface Amplifier
AD22057R-REEL AD-AD22057R-REEL Datasheet
192Kb / 8P
Single-Supply Sensor Interface Amplifier
AD22057RZ AD-AD22057RZ Datasheet
166Kb / 9P
Single-Supply Sensor Interface Amplifier
5/2017-Rev. A to Rev. B
More results


Similar Description - AD22057

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9044 NSC-LM9044 Datasheet
125Kb / 6P
LM9044 Lambda Sensor Interface Amplifier
logo
Analog Devices
AD22050 AD-AD22050 Datasheet
148Kb / 8P
Single-Supply Sensor Interface Amplifier
AD22057 AD-AD22057 Datasheet
192Kb / 8P
Single-Supply Sensor Interface Amplifier
logo
National Semiconductor ...
LM1964 NSC-LM1964 Datasheet
232Kb / 4P
SENSOR INTERFACE AMPLIFIER
logo
Texas Instruments
PGA308 TI-PGA308 Datasheet
638Kb / 24P
Single-Supply, Auto-Zero Sensor Amplifier
logo
Analog Devices
AD22050RZ AD-AD22050RZ Datasheet
152Kb / 8P
Single-Supply Sensor Interface Amplifier
REV. C
AD22050 AD-AD22050_15 Datasheet
152Kb / 8P
Single-Supply Sensor Interface Amplifier
REV. C
AD22057 AD-AD22057_15 Datasheet
196Kb / 8P
Single-Supply Sensor Interface Amplifier
REV. A
logo
Texas Instruments
LM9044 TI-LM9044_15 Datasheet
320Kb / 14P
Lambda Sensor Interface Amplifier
logo
Analog Devices
AD22057 AD-AD22057_17 Datasheet
166Kb / 9P
Single-Supply Sensor Interface Amplifier
5/2017-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com