Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC312 Datasheet (PDF) - Analog Devices

DAC312 Datasheet PDF - Analog Devices
Part # DAC312
Download  DAC312 Download
File Size   240.65 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit High Speed Multiplying D/A Converter

DAC312 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC312 Datasheet PDF - Analog Devices

Part # DAC312
Download  DAC312 Click to download

File Size   240.65 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit High Speed Multiplying D/A Converter

DAC312 Datasheet (HTML) - Analog Devices


DAC312 Product details

GENERAL DESCRIPTION
The DAC312 series of 12-bit multiplying digital-to-analog converters provide high speed with guaranteed performance to 0.012% differential nonlinearity over the full commercial operating temperature range.
   
FEATURES
    Differential Nonlinearity: ±1/2 LSB
    Nonlinearity: 0.05%
    Fast Settling Time: 250 ns
    High Compliance: –5 V to +10 V
    Differential Outputs: 0 to 4 mA
    Guaranteed Monotonicity: 12 Bits
    Low Full-Scale Tempco: 10 ppm/°C
    Circuit Interface to TTL, CMOS, ECL, PMOS/NMOS
    Low Power Consumption: 225 mW
    Industry Standard AM6012 Pinout
    Available In Die Form
   




Similar Part No. - DAC312

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC312 AD-DAC312 Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
DAC312BR/883 AD-DAC312BR/883 Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
DAC312ER AD-DAC312ER Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
DAC312FR AD-DAC312FR Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
DAC312HP AD-DAC312HP Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
More results


Similar Description - DAC312

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
12-Bit multiplying D/A converter
August 31, 1994
logo
Analog Devices
AD668 AD-AD668 Datasheet
602Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
DAC312 AD-DAC312 Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
logo
Intersil Corporation
AD7541 INTERSIL-AD7541 Datasheet
53Kb / 8P
12-Bit, Multiplying D/A Converter
August 1997
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
12-Bit, Multiplying D/A Converter
May 2002
logo
Analog Devices
AD668SQ AD-AD668SQ Datasheet
221Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD668 AD-AD668_15 Datasheet
250Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV. C
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
12-Bit, Multiplying D/A Converter
May 2002
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com