Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4403 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4403 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4403
Download  AO4403 Download
File Size   2210.11 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V P-Channel MOSFET

AO4403 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4403 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4403
Download  AO4403 Click to download

File Size   2210.11 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V P-Channel MOSFET

AO4403 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4403 Product details

General Description
The AO4403 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V. This device is suitable for use as a load switch or in PWM applications.

Product Summary
   VDS                                   -30V
   ID (at VGS=-10V)               -6A
   RDS(ON) (at VGS=-10V)   < 48mΩ
   RDS(ON) (at VGS =-4.5V) < 57mΩ
   RDS(ON) (at VGS =-2.5V) < 80mΩ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AO4403

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4403 AOSMD-AO4403 Datasheet
443Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
AO4403 AOSMD-AO4403 Datasheet
273Kb / 5P
30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4403 KEXIN-AO4403 Datasheet
1Mb / 4P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4403 VBSEMI-AO4403 Datasheet
959Kb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4403-HF KEXIN-AO4403-HF Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Similar Description - AO4403

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com