Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4425 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4425 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4425
Download  AO4425 Download
File Size   1698.88 Kbytes
Page   4 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 38V P-Channel MOSFET

AO4425 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4425 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4425
Download  AO4425 Click to download

File Size   1698.88 Kbytes
Page   4 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 38V P-Channel MOSFET

AO4425 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4425 Product details

General Description
The AO4425 uses advanced trench technology to provide excellent RDS(ON), and ultra-low low gate charge with a 25V gate rating. This device is suitable for use as a load switch or in PWM applications. It is ESD protected.
   
Product Summary
    VDS (V) = -38V
    ID = -14A (VGS = -20V)
    RDS(ON) < 10mΩ (VGS = -20V)
    RDS(ON) < 11mΩ (VGS = -10V)
    ESD Rating: 4000V HBM

    100% UIS Tested
    100% Rg Tested
   




Similar Part No. - AO4425

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4425 AOSMD-AO4425 Datasheet
112Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
AO4425 AOSMD-AO4425 Datasheet
173Kb / 4P
38V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4425 KEXIN-AO4425 Datasheet
1Mb / 4P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4425 VBSEMI-AO4425 Datasheet
997Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4425-HF KEXIN-AO4425-HF Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Similar Description - AO4425

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4425 AOSMD-AO4425_10 Datasheet
173Kb / 4P
38V P-Channel MOSFET
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com