Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4427 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4427 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4427
Download  AO4427 Download
File Size   1699.95 Kbytes
Page   4 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V P-Channel MOSFET

AO4427 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4427 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4427
Download  AO4427 Click to download

File Size   1699.95 Kbytes
Page   4 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V P-Channel MOSFET

AO4427 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4427 Product details

General Description
The AO4427 uses advanced trench technology to provide excellent RDS(ON), and ultra-low low gate charge with a 25V gate rating. This device is suitable for use as a load switch or in PWM applications. The device is ESD protected.
   
Product Summary
    VDS (V) = -30V
    ID = -12.5 A (VGS = -20V)
    RDS(ON) < 12mΩ (VGS = -20V)
    RDS(ON) < 14mΩ (VGS = -10V)
    ESD Rating: 2KV HBM

    100% UIS Tested
    100% Rg Tested
   




Similar Part No. - AO4427

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4427 AOSMD-AO4427 Datasheet
142Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
AO4427 AOSMD-AO4427 Datasheet
174Kb / 4P
30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4427 KEXIN-AO4427 Datasheet
1Mb / 4P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4427 VBSEMI-AO4427 Datasheet
997Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4427-HF KEXIN-AO4427-HF Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Similar Description - AO4427

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com