Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CT Datasheet (PDF) - Kersemi Electronic Co., Ltd.

MBR3045CT Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # MBR3045CT
Download  MBR3045CT Download
File Size   492.03 Kbytes
Page   2 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description 30 Amp Schottky Barrier Rectifier 30 to 60 Volts

MBR3045CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR3045CT Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # MBR3045CT
Download  MBR3045CT Click to download

File Size   492.03 Kbytes
Page   2 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description 30 Amp Schottky Barrier Rectifier 30 to 60 Volts

MBR3045CT Datasheet (HTML) - Kersemi Electronic Co., Ltd.


MBR3045CT Product details

Features
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
• Dual rectifier construction, positive center tap
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency
• Guardring for overvoltage protection
• For use in low voltage, high frequency inverters, free
   wheeling, and polarity protection applications

Mechanical Data
   Case: JEDEC TO-220AB, ITO-220AB, TO-263AB
   molded plastic body
   Terminals: Plated leads, solderable per
   MIL-STD-750, Method 2026
   High temperature soldering guaranteed:
   250°C/10 seconds, 0.25" (6.35mm) from case (TO-220AB,
   ITO-220AB) at terminals (TO-236AB)
   Polarity: As marked Mounting Position: Any
   Mounting Torque: 10 in-lbs maximum
   Weight: 0.08 oz., 2.24 g




Similar Part No. - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3045CT MCC-MBR3045CT Datasheet
134Kb / 2P
30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
Microsemi Corporation
MBR3045CT MICROSEMI-MBR3045CT Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBR3045CT VISHAY-MBR3045CT Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
List of Unclassifed Man...
MBR3045CT ETC1-MBR3045CT Datasheet
88Kb / 2P
High Tjm Schottky Barrier Diodes
logo
Taiwan Semiconductor Co...
MBR3045CT TSC-MBR3045CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3030CT MCC-MBR3030CT Datasheet
134Kb / 2P
30 Amp Rectifier 30 to 60 Volts Schottky Barrier
MBR3030CT MCC-MBR3030CT_08 Datasheet
118Kb / 3P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR3030CT KERSEMI-MBR3030CT Datasheet
852Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3045CT KERSEMI-MBR3045CT Datasheet
492Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3050CT KERSEMI-MBR3050CT Datasheet
852Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3060CT KERSEMI-MBR3060CT Datasheet
492Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3030CT KERSEMI-MBR3030CT Datasheet
851Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
Micro Commercial Compon...
MBR2535FCT MCC-MBR2535FCT_13 Datasheet
243Kb / 3P
30 Amp Schottky Barrier Rectifier 35 to 60 Volts
MBRB3030CT MCC-MBRB3030CT Datasheet
245Kb / 3P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBRB3030CT MCC-MBRB3030CT_17 Datasheet
257Kb / 3P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com