Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4490 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4490 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4490
Download  AO4490 Download
File Size   2483.08 Kbytes
Page   6 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V N-Channel MOSFET

AO4490 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4490 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4490
Download  AO4490 Click to download

File Size   2483.08 Kbytes
Page   6 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V N-Channel MOSFET

AO4490 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4490 Product details

General Description
The AO4490 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 4.5V, while retaining a 20V VGS(MAX) rating. It is ESD protected. This device is suitable for use as a load switch and general purpose applications.

Product Summary
   VDS (V) = 30V
   ID = 16A (VGS = 10V)
   RDS(ON) < 7.2mΩ (VGS = 10V)
   RDS(ON) < 10mΩ (VGS = 4.5V)

   ESD Protected
   100% UIS Tested
   100% Rg Tested




Similar Part No. - AO4490

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4490 AOSMD-AO4490 Datasheet
133Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
AO4490 AOSMD-AO4490 Datasheet
193Kb / 6P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4490 KEXIN-AO4490 Datasheet
1Mb / 5P
N-Channel MOSFET
AO4490-HF KEXIN-AO4490-HF Datasheet
1Mb / 5P
N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4490L AOSMD-AO4490L Datasheet
133Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - AO4490

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com