Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4496 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4496 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4496
Download  AO4496 Download
File Size   2133.96 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description DC-DC converter application

AO4496 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4496 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4496
Download  AO4496 Click to download

File Size   2133.96 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description DC-DC converter application

AO4496 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4496 Product details

General Description
The AO4496 uses advanced trench technology to provide excellent RDS(ON) with low gate charge. This device is suitable for use as a DC-DC converter application.

Product Summary
   VDS (V) = 30V
   ID = 10A (VGS = 10V)
   RDS(ON) < 19.5mΩ (VGS = 10V)
   RDS(ON) < 26mΩ (VGS = 4.5V)

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AO4496

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4496 AOSMD-AO4496 Datasheet
211Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
AO4496 AOSMD-AO4496 Datasheet
299Kb / 5P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4496 KEXIN-AO4496 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4496 VBSEMI-AO4496 Datasheet
1,006Kb / 9P
N-Channel 20V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4496-HF KEXIN-AO4496-HF Datasheet
1Mb / 4P
N-Channel MOSFET
More results


Similar Description - AO4496

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6K32TU TOSHIBA-SSM6K32TU Datasheet
612Kb / 6P
Relay drive, DC/DC converter application
logo
KODENSHI_AUK CORP.
SMK730F KODENSHI-SMK730F Datasheet
546Kb / 8P
DC-DC CONVERTER APPLICATION
SMN09L20D KODENSHI-SMN09L20D Datasheet
404Kb / 8P
DC-DC CONVERTER APPLICATION HIGH VOLTAGE SWITCHING APPLICATIONS
SMK630D-DATASHEET KODENSHI-SMK630D-DATASHEET Datasheet
410Kb / 8P
DC-DC CONVERTER APPLICATION
SMK630F-DATASHEET KODENSHI-SMK630F-DATASHEET Datasheet
449Kb / 8P
DC-DC CONVERTER APPLICATION
SMK730F-1 KODENSHI-SMK730F-1 Datasheet
546Kb / 8P
DC-DC CONVERTER APPLICATION
SMK1625D2-1 KODENSHI-SMK1625D2-1 Datasheet
405Kb / 8P
DC-DC CONVERTER APPLICATION
SMK1820D-1 KODENSHI-SMK1820D-1 Datasheet
371Kb / 8P
DC-DC CONVERTER APPLICATION
logo
MORNSUN Science& Techno...
QA01 MORNSUN-QA01 Datasheet
677Kb / 5P
Application Design For IGBT Driver DC-DC Converter
logo
Murata Power Solutions ...
MYGTM01210BZN MURATA-PS-MYGTM01210BZN Datasheet
423Kb / 17P
DC-DC Converter Application Manual
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com