Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD812AN Datasheet (PDF) - Analog Devices

AD812AN Datasheet PDF - Analog Devices
Part # AD812AN
Download  AD812AN Download
File Size   358.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, Current Feedback Low Power Op Amp

AD812AN Datasheet (PDF)

Go To PDF Page Download Datasheet
AD812AN Datasheet PDF - Analog Devices

Part # AD812AN
Download  AD812AN Click to download

File Size   358.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, Current Feedback Low Power Op Amp

AD812AN Datasheet (HTML) - Analog Devices


AD812AN Product details

PRODUCT DESCRIPTION

The AD812 is a low power, single supply, dual video amplifier. Each of the amplifiers have 50 mA of output current and are optimized for driving one back-terminated video load (150 Ω) each. Each amplifier is a current feedback amplifier and features gain flatness of 0.1 dB to 40 MHz while offering differential gain and phase error of 0.02% and 0.02°. This makes the AD812 ideal for professional video electronics such as cameras and video switchers.



FEATURES

  Two Video Amplifiers in One 8-Lead SOIC Package

  Optimized for Driving Cables in Video Systems

  Excellent Video Specifications (RL = 150 V):

     Gain Flatness 0.1 dB to 40 MHz

     0.02% Differential Gain Error

     0.028 Differential Phase Error

  Low Power

     Operates on Single +3 V Supply

     5.5 mA/Amplifier Max Power Supply Current

  High Speed

     145 MHz Unity Gain Bandwidth (3 dB)

     1600 V/ms Slew Rate

  Easy to Use

     50 mA Output Current

     Output Swing to 1 V of Rails (150 V Load)



APPLICATIONS

  Video Line Driver

  Professional Cameras

  Video Switchers

  Special Effects



 




Similar Part No. - AD812AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD812AN AD-AD812AN Datasheet
372Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV.B
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
More results


Similar Description - AD812AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
Dual Wideband, Low-Noise, Voltage Feedback Op Amp
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
400MHz, 50mW Current-Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
Dual Low-Noise, Voltage Feedback Op Amp
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
Analog Devices
AD812 AD-AD812 Datasheet
372Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV.B
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
logo
Analog Devices
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812_15 Datasheet
376Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com