Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7714 Datasheet (PDF) - Analog Devices

AD7714 Datasheet PDF - Analog Devices
Part # AD7714
Download  AD7714 Download
File Size   298.39 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V, CMOS,500 mA Signal Conditioning ADC

AD7714 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7714 Datasheet PDF - Analog Devices

Part # AD7714
Download  AD7714 Click to download

File Size   298.39 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 V/5 V, CMOS,500 mA Signal Conditioning ADC

AD7714 Datasheet (HTML) - Analog Devices


AD7714 Product details

GENERAL DESCRIPTION†
The AD7714 is a complete analog front end for low-frequency measurement applications. The device accepts low level signals directly from a transducer and outputs a serial digital word. It employs a sigma-delta conversion technique to realize up to 24 bits of no missing codes performance. The input signal is applied to a proprietary programmable gain front end based around an analog modulator. The modulator output is processed by an on-chip digital filter. The first notch of this digital filter can be programmed via the on-chip control register allowing adjustment of the filter cutoff and settling time.

FEATURES
    Charge Balancing ADC 24 Bits No Missing Codes 0.0015% Nonlinearity
    Five-Channel Programmable Gain Front End Gains from 1 to 128 Can Be Configured as Three Fully Differential Inputs or Five Pseudo-Differential Inputs
    Three-Wire Serial Interface SPI™, QSPI™, MICROWIRE™ and DSP Compatible
    3 V (AD7714-3) or 5 V (AD7714-5) Operation
    Low Noise (<150 nV rms)
    Low Current (350␣ mA typ) with Power-Down (5 mA typ)
    AD7714Y Grade:
        +2.7 V to 3.3 V or +4.75 V to +5.25 V Operation 0.0010% Linearity Error –40°C to +105°C Temperature Range Schmitt Trigger on SCLK and DIN
        Low Current (226␣ mA typ) with Power-Down (4 mA typ)
        Lower Power Dissipation than Standard AD7714 Available in 24-Lead TSSOP Package
    Low-Pass Filter with Programmable Filter Cutoffs
    Ability to Read/Write Calibration Coefficients

APPLICATIONS
    Portable Industrial Instruments
    Portable Weigh Scales
    Loop-Powered Systems
    Pressure Transducers




Similar Part No. - AD7714

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7714 AD-AD7714 Datasheet
306Kb / 40P
3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
REV.C
AD7714 AD-AD7714 Datasheet
298Kb / 40P
3 V/5 V, CMOS, 500 UASignal Conditioning ADC
REV. C
AD7714 AD-AD7714 Datasheet
298Kb / 40P
3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7714 AD-AD7714 Datasheet
349Kb / 41P
Signal Conditioning ADC
23-Feb-2017
AD7714 AD-AD7714 Datasheet
298Kb / 40P
Signal Conditioning ADC
REV. C
More results


Similar Description - AD7714

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7710 AD-AD7710 Datasheet
220Kb / 28P
Signal Conditioning ADC
REV.F
AD7714 AD-AD7714 Datasheet
306Kb / 40P
3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
REV.C
AD7714YNZ AD-AD7714YNZ Datasheet
298Kb / 40P
3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
Signal Conditioning ADC
REV. G
AD7714ANZ-5 AD-AD7714ANZ-5 Datasheet
298Kb / 40P
3 V/5 V, CMOS, 500 mu A Signal Conditioning ADC
REV. C
AD7714ARZ-5 AD-AD7714ARZ-5 Datasheet
298Kb / 40P
3 V/5 V, CMOS, 500 UASignal Conditioning ADC
REV. C
AD7714ARSZ-5 AD-AD7714ARSZ-5 Datasheet
298Kb / 40P
3 V/5 V, CMOS, 500 mA Signal Conditioning ADC
REV. C
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
Signal Conditioning ADC
REV. F
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
Signal Conditioning ADC
23-Feb-2017
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
Signal Conditioning ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com