Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7819 Datasheet (PDF) - Analog Devices

AD7819 Datasheet PDF - Analog Devices
Part # AD7819
Download  AD7819 Download
File Size   146.11 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC

AD7819 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7819 Datasheet PDF - Analog Devices

Part # AD7819
Download  AD7819 Click to download

File Size   146.11 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC

AD7819 Datasheet (HTML) - Analog Devices


AD7819 Product details

GENERAL DESCRIPTION
The AD7819 is a high speed, microprocessor-compatible, 8-bit analog-to-digital converter with a maximum throughput of 200 kSPS. The converter operates off a single 2.7 V to 5.5 V supply and contains a 4.5 µs successive approximation A/D converter, track/hold circuitry, on-chip clock oscillator and 8-bit wide parallel interface. The parallel interface is designed to allow easy interfacing to microprocessors and DSPs. Using only address decoding logic the AD7819 is easily mapped into the microprocessor address space.

FEATURES
    8-Bit ADC with 4.5 μs Conversion Time
    On-Chip Track and Hold
    Operating Supply Range: 2.7 V to 5.5 V
    Specifications at 2.7 V – 3.6 V and 5 V ±10%
    8-Bit Parallel Interface 8-Bit Read
    Power Performance
        Normal Operation 10.5 mW, VDD = 3 V
        Automatic Power-Down 57.75 μW @ 1 kSPS, VDD = 3 V
    Analog Input Range: 0 V to VREF
    Reference Input Range: 1.2 V to VDD




Similar Part No. - AD7819

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7819 AD-AD7819 Datasheet
146Kb / 11P
2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
REV.A
AD7819 AD-AD7819 Datasheet
187Kb / 12P
2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
23-Feb-2017
AD7819YN AD-AD7819YN Datasheet
146Kb / 11P
2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
REV.A
AD7819YN AD-AD7819YN Datasheet
187Kb / 12P
2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
23-Feb-2017
AD7819YR AD-AD7819YR Datasheet
146Kb / 11P
2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
REV.A
More results


Similar Description - AD7819

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7811 AD-AD7811 Datasheet
200Kb / 19P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV.B
AD7813 AD-AD7813 Datasheet
185Kb / 11P
2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV.B
AD7819 AD-AD7819 Datasheet
146Kb / 11P
2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
REV.A
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7811YRUZ AD-AD7811YRUZ Datasheet
211Kb / 19P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7812YRUZ AD-AD7812YRUZ Datasheet
211Kb / 19P
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7813 AD-AD7813_15 Datasheet
194Kb / 11P
2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7819 AD-AD7819_15 Datasheet
156Kb / 11P
2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
REV. B
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
23-Feb-2017
AD7819 AD-AD7819_17 Datasheet
187Kb / 12P
2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com