Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT-056 Datasheet (PDF) - Analog Devices

MT-056 Datasheet PDF - Analog Devices
Part # MT-056
Download  MT-056 Download
File Size   602.52 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 150 MHz Rail-to-Rail Amplifier

MT-056 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT-056 Datasheet PDF - Analog Devices

Part # MT-056
Download  MT-056 Click to download

File Size   602.52 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 150 MHz Rail-to-Rail Amplifier

MT-056 Datasheet (HTML) - Analog Devices


MT-056 Product details

PRODUCT DESCRIPTION
The AD8044 is a quad, low power, voltage feedback, high speed amplifier designed to operate on +3 V, +5 V, or ±5 V supplies. It has true single-supply capability with an input voltage range extending 200 mV below the negative rail and within 1 V of the positive rail.
   
FEATURES
    Single AD8041 and Dual AD8042 Also Available
    Fully Specified at +3 V, +5 V, and ±5 V Supplies
    Output Swings to Within 25 mV of Either Rail
    Input Voltage Range Extends 200 mV Below Ground
    No Phase Reversal with Inputs 1 V Beyond Supplies
    Low Power of 2.75 mA/Amplifier
    High Speed and Fast Settling on +5 V
        150 MHz –3 dB Bandwidth (G = +1)
        170 V/s Slew Rate
        40 ns Settling Time to 0.1%
    Good Video Specifications (RL = 150 Ω, G = +2)
        Gain Flatness of 0.1 dB to 12 MHz
        0.06% Differential Gain Error
        0.15° Differential Phase Error
    Low Distortion
        –68 dBc Total Harmonic @ 5 MHz
    Outstanding Load Drive Capability
        Drives 30 mA 0.5 V from Supply Rails
   
APPLICATIONS
    Active Filters
    Video Switchers
    Distribution Amplifiers
    A/D Driver
    Professional Cameras
    CCD Imaging Systems
    Ultrasound Equipment (Multichannel)
   




Similar Part No. - MT-056

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MT-056 AD-MT-056 Datasheet
631Kb / 21P
Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
More results


Similar Description - MT-056

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8044 AD-AD8044 Datasheet
199Kb / 14P
Quad 150 MHz Rail-to-Rail Amplifier
2/12-Rev. A to Rev. B
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8044 AD-AD8044_04 Datasheet
450Kb / 16P
Quad 150 MHz Rail-to-Rail Amplifier
REV. B
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
Rail-to-Rail Quad Operational Amplifier
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
logo
Analog Devices
AD8044ANZ AD-AD8044ANZ Datasheet
483Kb / 16P
Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AR-14 AD-AD8044AR-14 Datasheet
679Kb / 17P
Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044_15 Datasheet
679Kb / 17P
Quad 150 MHz Rail-to-Rail Amplifier
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com