Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9220 Datasheet (PDF) - Analog Devices

AD9220 Datasheet PDF - Analog Devices
Part # AD9220
Download  AD9220 Download
File Size   412.8 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters

AD9220 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9220 Datasheet PDF - Analog Devices

Part # AD9220
Download  AD9220 Click to download

File Size   412.8 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters

AD9220 Datasheet (HTML) - Analog Devices


AD9220 Product details

GENERAL DESCRIPTION
The AD9221, AD9223, and AD9220 are a generation of high performance, single supply 12-bit analog-to-digital converters. Each device exhibits true 12-bit linearity and temperature drift performance1 as well as 11.5-bit or better ac performance.2 The AD9221/AD9223/AD9220 share the same interface options, package, and pinout. Thus, the product family provides an upward or downward component selection path based on performance, sample rate and power. The devices differ with respect to their specified sampling rate, and power consumption, which is reflected in their dynamic performance over frequency.
The AD9221/AD9223/AD9220 combine a low cost, high speed CMOS process and a novel architecture to achieve the resolution and speed of existing hybrid and monolithic implementations at a fraction of the power consumption and cost. Each device is a complete, monolithic ADC with an on-chip, high performance, low noise sample-and-hold amplifier and programmable voltage reference. An external reference can also be chosen to suit the dc accuracy and temperature drift requirements of the application. The devices use a multistage differential pipelined architecture with digital output error correction logic to provide 12-bit accuracy at the specified data rates and to guarantee no missing codes over the full operating temperature range.

FEATURES
   Monolithic 12-Bit A/D Converter Product Family
   Family Members Are: AD9221, AD9223, and AD9220
   Flexible Sampling Rates: 1.5 MSPS, 3.0 MSPS, and
      10.0 MSPS
   Low Power Dissipation: 59 mW, 100 mW, and 250 mW
   Single 5 V Supply
   Integral Nonlinearity Error: 0.5 LSB
   Differential Nonlinearity Error: 0.3 LSB
   Input Referred Noise: 0.09 LSB
   Complete On-Chip Sample-and-Hold Amplifier and
      Voltage Reference
   Signal-to-Noise and Distortion Ratio: 70 dB
   Spurious-Free Dynamic Range: 86 dB
   Out-of-Range Indicator
   Straight Binary Output Data
   28-Lead SOIC and 28-Lead SSOP




Similar Part No. - AD9220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9220 AD-AD9220 Datasheet
470Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220 AD-AD9220 Datasheet
423Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
Rev. E
AD9220 AD-AD9220 Datasheet
412Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS olithic A/D Converters
Rev. E
AD9220 AD-AD9220 Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220-EB AD-AD9220-EB Datasheet
470Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
More results


Similar Description - AD9220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9221 AD-AD9221 Datasheet
470Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9200ARSZ AD-AD9200ARSZ Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221ARZ-REEL AD-AD9221ARZ-REEL Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220ARSZ AD-AD9220ARSZ Datasheet
423Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
Rev. E
AD9220ARSZ AD-AD9220ARSZ Datasheet
412Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS olithic A/D Converters
Rev. E
AD9221ARSZ AD-AD9221ARSZ Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD9220 AD-AD9220_15 Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221 AD-AD9221_15 Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9223 AD-AD9223_15 Datasheet
518Kb / 32P
Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com