Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR16H50 Datasheet (PDF) - Kersemi Electronic Co., Ltd.

MBR16H50 Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # MBR16H50
Download  MBR16H50 Download
File Size   1926.9 Kbytes
Page   3 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Plastic package has Underwriters Laboratory Flammability Classification 94 V-0

MBR16H50 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR16H50 Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # MBR16H50
Download  MBR16H50 Click to download

File Size   1926.9 Kbytes
Page   3 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Plastic package has Underwriters Laboratory Flammability Classification 94 V-0

MBR16H50 Datasheet (HTML) - Kersemi Electronic Co., Ltd.


MBR16H50 Product details

Features
• Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
• Metal silicon junction, majority carrier conduction
• Low forward voltage drop, low power loss and high efficiency
• Guardring for overvoltage protection
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
• High temperature soldering guaranteed: 250 °C/10 seconds, 0.25" (6.35 mm) from case
• Rated for reverse surge and ESD
• 175 °C maximum operation junction temperature




Similar Part No. - MBR16H50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR16H50 VISHAY-MBR16H50 Datasheet
72Kb / 3P
Schottky Barrier Rectifiers
03-Mar-03
MBR16H50 VISHAY-MBR16H50 Datasheet
145Kb / 5P
Schottky Barrier Rectifier
19-May-08
logo
Kersemi Electronic Co.,...
MBR16H50 KERSEMI-MBR16H50 Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR16H50 KERSEMI-MBR16H50 Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification
logo
Inchange Semiconductor ...
MBR16H50 ISC-MBR16H50 Datasheet
274Kb / 2P
Schottky Rectifier
More results


Similar Description - MBR16H50

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR10H45 KERSEMI-MBR10H45 Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR10H50 KERSEMI-MBR10H50 Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR15H35CT KERSEMI-MBR15H35CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR15H50CT KERSEMI-MBR15H50CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR15H60CT KERSEMI-MBR15H60CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR16H50 KERSEMI-MBR16H50 Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR16H60 KERSEMI-MBR16H60 Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBRF15H35CT KERSEMI-MBRF15H35CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBRF25H35CT KERSEMI-MBRF25H35CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBRF30H35CT KERSEMI-MBRF30H35CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com