Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20H100CT Datasheet (PDF) - Kersemi Electronic Co., Ltd.

MBR20H100CT Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # MBR20H100CT
Download  MBR20H100CT Download
File Size   487.66 Kbytes
Page   7 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 100 VOLTS

MBR20H100CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR20H100CT Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # MBR20H100CT
Download  MBR20H100CT Click to download

File Size   487.66 Kbytes
Page   7 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 100 VOLTS

MBR20H100CT Datasheet (HTML) - Kersemi Electronic Co., Ltd.


MBR20H100CT Product details

SWITCHMODE™ Power Rectifier 100 V, 20 A



Features and Benefits

• Low Forward Voltage: 0.64 V @ 125°C

• Low Power Loss/High Efficiency

• High Surge Capacity

• 175°C Operating Junction Temperature

• 20 A Total (10 A Per Diode Leg)

• Guard−Ring for Stress Protection

• Pb−Free Packages are Available



Applications

• Power Supply − Output Rectification

• Power Management

• Instrumentation



 




Similar Part No. - MBR20H100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
Dual High-Voltage Schottky Rectifiers
03-Sep-04
logo
ON Semiconductor
MBR20H100CT ONSEMI-MBR20H100CT Datasheet
130Kb / 7P
SWITCHMODE Power Rectifier 100 V, 20 A
March, 2007 ??Rev. 4
logo
Taiwan Semiconductor Co...
MBR20H100CT TSC-MBR20H100CT Datasheet
444Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBR20H100CT VISHAY-MBR20H100CT Datasheet
507Kb / 5P
Dual Common-Cathode High-Voltage Schottky Rectifier
08-Nov-07
More results


Similar Description - MBR20H100CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR0520LT1 MOTOROLA-MBR0520LT1 Datasheet
87Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 20 VOLTS
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT Datasheet
331Kb / 2P
SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
logo
ON Semiconductor
MBR3100 ONSEMI-MBR3100 Datasheet
53Kb / 4P
SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 100 VOLTS
April, 2003 - Rev. 3
logo
Rectron Semiconductor
ISR20100A RECTRON-ISR20100A Datasheet
421Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT 20 Amperes
logo
ON Semiconductor
MBRF20200-CT ONSEMI-MBRF20200-CT Datasheet
101Kb / 4P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS
August, 2008 ??Rev. 7
logo
Kersemi Electronic Co.,...
MBR20200CTG KERSEMI-MBR20200CTG Datasheet
480Kb / 5P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS
MBRF2045CTG KERSEMI-MBRF2045CTG Datasheet
504Kb / 8P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 45 VOLTS
MBRF2060CTG KERSEMI-MBRF2060CTG Datasheet
484Kb / 4P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 60 VOLTS
MBRF20200CTG KERSEMI-MBRF20200CTG Datasheet
455Kb / 4P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 200 VOLTS
logo
Motorola, Inc
MBRM120LT3 MOTOROLA-MBRM120LT3 Datasheet
136Kb / 4P
SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 20 VOLTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com