Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC413 Datasheet (PDF) - Vishay Siliconix

SIC413 Datasheet PDF - Vishay Siliconix
Part # SIC413
Download  SIC413 Download
File Size   377.07 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description microBUCKTM SiC413 4-A, 26-V Integrated Synchronous Buck Regulator

SIC413 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC413 Datasheet PDF - Vishay Siliconix

Part # SIC413
Download  SIC413 Click to download

File Size   377.07 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description microBUCKTM SiC413 4-A, 26-V Integrated Synchronous Buck Regulator

SIC413 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - SIC413

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC413 VISHAY-SIC413 Datasheet
378Kb / 18P
microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
26-Oct-09
SIC413 VISHAY-SIC413 Datasheet
434Kb / 18P
microBUCK® SiC413 4 A, 26 V Integrated Synchronous Buck Regulator
26-Oct-09
SIC413 VISHAY-SIC413 Datasheet
4Mb / 12P
microBUCK® PRODUCT FAMILY
SIC413 VISHAY-SIC413 Datasheet
4Mb / 12P
microBUCK® Highly Integrated Synchronous Buck Regulators
SIC413CB-T1-E3 VISHAY-SIC413CB-T1-E3 Datasheet
378Kb / 18P
microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
26-Oct-09
More results


Similar Description - SIC413

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC413 VISHAY-SIC413 Datasheet
378Kb / 18P
microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
26-Oct-09
logo
Fairchild Semiconductor
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
3 A, 24 V Input, Integrated Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ3017 AOSMD-AOZ3017 Datasheet
789Kb / 14P
EZBuck??4 A Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
16-Dec-13
logo
Alpha & Omega Semicondu...
AOZ3046PI AOSMD-AOZ3046PI Datasheet
716Kb / 14P
EZBuck 4 A Synchronous Buck Regulator
logo
Vishay Siliconix
SIC413 VISHAY-SIC413_V01 Datasheet
434Kb / 18P
microBUCK® SiC413 4 A, 26 V Integrated Synchronous Buck Regulator
26-Oct-09
SIC417 VISHAY-SIC417_V01 Datasheet
930Kb / 21P
microBUCKTM SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com