Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

292206 Datasheet (PDF) - Tyco Electronics

292206 Datasheet PDF - Tyco Electronics
Part # 292206
Download  292206 Download
File Size   613.82 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1.5 mm AMP Mini CT Connector Series

292206 Datasheet (PDF)

Go To PDF Page Download Datasheet
292206 Datasheet PDF - Tyco Electronics

Part # 292206
Download  292206 Click to download

File Size   613.82 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1.5 mm AMP Mini CT Connector Series

292206 Datasheet (HTML) - Tyco Electronics


292206 Product details

AMP Mini CT Connector 1.5mm Pitch
Single Row Post HDR Assy (H) DIP Staggered Type with Kink




Similar Part No. - 292206

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
292206-2 MACOM-292206-2 Datasheet
192Kb / 2P
AMP Mini CT Connector 1.5mm Pitch
292206-3 MACOM-292206-3 Datasheet
192Kb / 2P
AMP Mini CT Connector 1.5mm Pitch
292206-4 MACOM-292206-4 Datasheet
192Kb / 2P
AMP Mini CT Connector 1.5mm Pitch
292206-5 MACOM-292206-5 Datasheet
192Kb / 2P
AMP Mini CT Connector 1.5mm Pitch
292206-6 MACOM-292206-6 Datasheet
192Kb / 2P
AMP Mini CT Connector 1.5mm Pitch
More results


Similar Description - 292206

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN229RP PANASONIC-LN229RP Datasheet
31Kb / 1P
5.0 mm X 1.5 mm Series
LN229RPH PANASONIC-LN229RPH Datasheet
31Kb / 1P
5.0 mm X 1.5 mm Series
logo
Tyco Electronics
1-353908-3 MACOM-1-353908-3 Datasheet
105Kb / 2P
AMP MINI COMMON TERMINATED (CT) CONNECTOR 1.5mm PITCH HOUSING, CRIMP TYPE
38221 MACOM-38221 Datasheet
186Kb / 9P
AMP SUPERSEAL 1.5 SERIES
292132-2 MACOM-292132-2 Datasheet
662Kb / 6P
AMP CT Connector Series
1-292227-4 MACOM-1-292227-4 Datasheet
257Kb / 4P
AMP MiNi CT Connector 1.5mm PITCH
5-292206-2 MACOM-5-292206-2 Datasheet
192Kb / 2P
AMP Mini CT Connector 1.5mm Pitch
2-292246-2 MACOM-2-292246-2 Datasheet
328Kb / 3P
RECEPTACLE ASSEMBLY FOR AMP 1.5 PITCH MINI CT HYBRID LATTICE CONNECTOR
logo
TE Connectivity Ltd
353908-9 TEC-353908-9 Datasheet
219Kb / 5P
Housing, Receptacle, Wire-to-Wire / Wire-to-Board / Wire-to-Panel, 9 Position, 1.5 mm [.059 in] Centerline, Crimp, 1 Row, White, AMP Mini CT
09/30/2022
1-353293-6 TEC-1-353293-6 Datasheet
350Kb / 6P
Connector Assembly, Receptacle, Wire-to-Board, 16 Position, .06 in [1.5 mm] Centerline, Insulation Displacement (IDC), 1 Row, Natural, AMP Mini CT
06/20/2023
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com