Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101 Datasheet (PDF) - Microchip Technology

EMC2101 Datasheet PDF - Microchip Technology
Part # EMC2101
Download  EMC2101 Download
File Size   2620.41 Kbytes
Page   44 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Analog and Interface Product Selector Guide

EMC2101 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMC2101 Datasheet PDF - Microchip Technology

Part # EMC2101
Download  EMC2101 Click to download

File Size   2620.41 Kbytes
Page   44 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Analog and Interface Product Selector Guide

EMC2101 Datasheet (HTML) - Microchip Technology


EMC2101 Product details

General Description
MCP9700/9700A and MCP9701/9701A sensors with Linear Active Thermistor Integrated Circuit (IC) comprise a family of analog temperature sensors that convert temperature to analog voltage.
The low-cost, low-power sensors feature an accuracy of ±2°C from 0°C to +70°C (MCP9700A/9701A) and ±4°C from 0°C to +70°C (MCP9700/9701) while consuming 6 µA (typical) of operating current.

Features
• Tiny Analog Temperature Sensor
• Available Packages:
   - SC70-5, SOT-23-3, TO-92-3
• Wide Temperature Measurement Range:
   - -40°C to +125°C (Extended Temperature)
   - -40°C to +150°C (High Temperature)
      (MCP9700, SOT-23-3 and SC70-5 only)
• Accuracy:
   - ±2°C (max.), 0°C to +70°C (MCP9700A/9701A)
   - ±4°C (max.), 0°C to +70°C (MCP9700/9701)
• Optimized for Analog-to-Digital Converters (ADCs):
   - 10.0 mV/°C (typical) (MCP9700/9700A)
   - 19.5 mV/°C (typical) (MCP9701/9701A)
• Wide Operating Voltage Range:
   - VDD = 2.3V to 5.5V (MCP9700/9700A)
   - VDD = 3.1V to 5.5V (MCP9701/9701A)
• Low Operating Current: 6 µA (typical)
• Optimized to Drive Large Capacitive Loads

Typical Applications
• Hard Disk Drives and Other PC Peripherals
• Entertainment Systems
• Home Appliance
• Office Equipment
• Battery Packs and Portable Equipment
• General Purpose Temperature Monitoring




Similar Part No. - EMC2101

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2101 SMSC-EMC2101 Datasheet
1Mb / 55P
SMBus Fan Control with 1째C Accurate Temperature Monitoring
logo
Microchip Technology
EMC2101 MICROCHIP-EMC2101 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
EMC2101 MICROCHIP-EMC2101 Datasheet
1Mb / 56P
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Revision A July 2022
logo
SMSC Corporation
EMC2101-ACZL-TR SMSC-EMC2101-ACZL-TR Datasheet
1Mb / 55P
SMBus Fan Control with 1째C Accurate Temperature Monitoring
EMC2101-ACZL-TR SMSC-EMC2101-ACZL-TR Datasheet
1Mb / 57P
SMBus Fan Control with 1째C Accurate Temperature Monitoring
More results


Similar Description - EMC2101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6041-I-SN MICROCHIP-MCP6041-I-SN Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC1017-3.3VCTTR MICROCHIP-TC1017-3.3VCTTR Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC4428AEJA MICROCHIP-TC4428AEJA Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide Thermal Management ??Motor Driver ??Interface Peripherals Power Management ??Linear & Mixed Signal ??Safety & Security
11/29/11
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC620 MICROCHIP-TC620 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
logo
List of Unclassifed Man...
PPC405EX-NSD400T ETC-PPC405EX-NSD400T Datasheet
2Mb / 29P
Power??Architecture Products Product Selector Guide
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
WIRELESS PRODUCT SELECTOR GUIDE
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
WIRELESS PRODUCT SELECTOR GUIDE
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com