Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD6N15 Datasheet (PDF) - Motorola, Inc

MTD6N15 Datasheet PDF - Motorola, Inc
Part # MTD6N15
Download  MTD6N15 Download
File Size   231.95 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FET 6.0 AMPERES 150 VOLTS RDS(on) = 0.3 OHM

MTD6N15 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTD6N15 Datasheet PDF - Motorola, Inc

Part # MTD6N15
Download  MTD6N15 Click to download

File Size   231.95 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FET 6.0 AMPERES 150 VOLTS RDS(on) = 0.3 OHM

MTD6N15 Datasheet (HTML) - Motorola, Inc


MTD6N15 Product details

Power Field Effect Transistor DPAK for Surface Mount

N–Channel Enhancement–Mode Silicon Gate



This TMOS Power FET is designed for high speed, low loss power switching applications such as switching regulators, converters, solenoid and relay drivers.



• Silicon Gate for Fast Switching Speeds

• Low RDS(on) — 0.3 Ω Max

• Rugged — SOA is Power Dissipation Limited

• Source–to–Drain Diode Characterized for Use With Inductive Loads

• Low Drive Requirement — VGS(th) = 4.0 V Max

• Surface Mount Package on 16 mm Tape



 




Similar Part No. - MTD6N15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD6N15 ONSEMI-MTD6N15 Datasheet
88Kb / 8P
Power Field Effect Transistor DPAK for Surface Mount
March, 2004 ??Rev. 2
logo
Inchange Semiconductor ...
MTD6N15 ISC-MTD6N15 Datasheet
345Kb / 2P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
MTD6N15-1 ONSEMI-MTD6N15-1 Datasheet
88Kb / 8P
Power Field Effect Transistor DPAK for Surface Mount
March, 2004 ??Rev. 2
logo
Inchange Semiconductor ...
MTD6N15I ISC-MTD6N15I Datasheet
359Kb / 2P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
MTD6N15T4 ONSEMI-MTD6N15T4 Datasheet
88Kb / 8P
Power Field Effect Transistor DPAK for Surface Mount
March, 2004 ??Rev. 2
More results


Similar Description - MTD6N15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD2955E MOTOROLA-MTD2955E Datasheet
243Kb / 10P
TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.3 OHM
MTD6N10E MOTOROLA-MTD6N10E Datasheet
211Kb / 10P
TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.400 OHM
MTD6N20E MOTOROLA-MTD6N20E Datasheet
269Kb / 10P
TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTP12P10 MOTOROLA-MTP12P10 Datasheet
190Kb / 6P
TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.3 OHM
MTP2955E MOTOROLA-MTP2955E Datasheet
207Kb / 8P
TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.3 OHM
MTP2P50E MOTOROLA-MTP2P50E Datasheet
230Kb / 8P
TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
MTP6P20E MOTOROLA-MTP6P20E Datasheet
216Kb / 8P
TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 1.0 OHM
MTV6N100E MOTOROLA-MTV6N100E Datasheet
262Kb / 10P
TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
MTW6N100E MOTOROLA-MTW6N100E Datasheet
195Kb / 8P
TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com