Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF04S Datasheet (PDF) - Delta Electronics, Inc.

DF04S Datasheet PDF - Delta Electronics, Inc.
Part # DF04S
Download  DF04S Download
File Size   219.79 Kbytes
Page   4 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range

DF04S Datasheet (PDF)

Go To PDF Page Download Datasheet
DF04S Datasheet PDF - Delta Electronics, Inc.

Part # DF04S
Download  DF04S Click to download

File Size   219.79 Kbytes
Page   4 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range

DF04S Datasheet (HTML) - Delta Electronics, Inc.


DF04S Product details

The DF04S/D series are miniature, DIP Package, isolated 4W DC/DC converters. It allows a wide over input voltage ranges of 9-36VDC and 18-75VDC. It alos offers short circuit protection and allows a wide operating temperature range of –40°C to +71°C. These isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions.

FEATURES
◆ Efficiency up to 85%
◆ DIP Package with Industry Standard Pinout
◆ Short Circuit Protection
◆ 4:1 Wide Input Range
◆ UL60950-1 Safety Approval
◆ Complies with EN55022 Class A
◆ Temperature Performance -40℃ to +71℃
◆ 1500VDC Voltage Isolation
◆ Internal SMD Construction
◆ Lead free, RoHs Compliant
◆ 3 Years Product Warranty




Similar Part No. - DF04S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF04S WTE-DF04S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
DF04S ZOWIE-DF04S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
DF04S JGD-DF04S Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
DF04S SSE-DF04S Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF04S FAIRCHILD-DF04S Datasheet
33Kb / 3P
1.5 Ampere Bridge Rectifiers
More results


Similar Description - DF04S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DB02S DELTA-DB02S Datasheet
204Kb / 4P
2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DL03S DELTA-DL03S Datasheet
214Kb / 4P
3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S DELTA-DR06S Datasheet
227Kb / 4P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S DELTA-DS06S Datasheet
296Kb / 4P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DF04S2403A DELTA-DF04S2403A Datasheet
220Kb / 5P
4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
DL03S2403A DELTA-DL03S2403A Datasheet
215Kb / 5P
3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com