Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC07XSF517EK Datasheet (PDF) - Freescale Semiconductor, Inc

MC07XSF517EK Datasheet PDF - Freescale Semiconductor, Inc
Part # MC07XSF517EK
Download  MC07XSF517EK Download
File Size   1163.86 Kbytes
Page   72 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Triple 7.0 mOhm and Dual 17 mOhm High Side Switch

MC07XSF517EK Datasheet (PDF)

Go To PDF Page Download Datasheet
MC07XSF517EK Datasheet PDF - Freescale Semiconductor, Inc

Part # MC07XSF517EK
Download  MC07XSF517EK Click to download

File Size   1163.86 Kbytes
Page   72 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Triple 7.0 mOhm and Dual 17 mOhm High Side Switch

MC07XSF517EK Datasheet (HTML) - Freescale Semiconductor, Inc




Similar Part No. - MC07XSF517EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC07XSF517 FREESCALE-MC07XSF517 Datasheet
7Mb / 2P
Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
More results


Similar Description - MC07XSF517EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
17XSF500 FREESCALE-17XSF500 Datasheet
1Mb / 70P
Penta 17 mOhm High Side Switch
MC07XSF517 FREESCALE-MC07XSF517 Datasheet
7Mb / 2P
Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
logo
NXP Semiconductors
MC12XS6D1 NXP-MC12XS6D1 Datasheet
1Mb / 72P
17 mOhm and 7.0 mOhm high-side switches
Rev. 7.0, 1/2021
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
MC07XS3200 NXP-MC07XS3200 Datasheet
1Mb / 47P
Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
MC07XS6517 NXP-MC07XS6517 Datasheet
1,016Kb / 73P
Triple 7.0 mOhm and Dual 17 mOhm High-side Switch
Rev. 4.0, 12/2017
MC17XS6500 NXP-MC17XS6500 Datasheet
987Kb / 73P
Penta 17 mOhm High-side Switch
Rev. 5.0, 12/2017
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com