Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG200 Datasheet (PDF) - Freescale Semiconductor, Inc

SG200 Datasheet PDF - Freescale Semiconductor, Inc
Part # SG200
Download  SG200 Download
File Size   300.14 Kbytes
Page   2 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual High-Side Switch

SG200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG200 Datasheet PDF - Freescale Semiconductor, Inc

Part # SG200
Download  SG200 Click to download

File Size   300.14 Kbytes
Page   2 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual High-Side Switch

SG200 Datasheet (HTML) - Freescale Semiconductor, Inc


SG200 Product details

The 07XSC200 is one in a family of devices designed for low-voltage lighting or factory automation applications. Its two low RDS(ON) MOSFETs (dual 7.0 m) can control two separate 55 W / 28 W bulbs, and/or Xenon modules, and/or LEDs, and/or DC low voltage motors.

Features
• Dual 7.0 mΩ max high side switch (at 25 °C)
• Operating voltage range of 6.0 to 20 V with sleep current < 5.0 µA, extended mode from 4.0 to 28 V • 8.0 MHz 16-bit 3.3 V and 5.0 V SPI control and status reporting with daisy chain capability
• PWM module using external clock or calibratable internal oscillator with programmable outputs delay management
• Smart overcurrent shutdown compliant to huge inrush current, severe short-circuit, over temperature protections with time limited auto-retry, and Fail-safe mode, in case of MCU damage
• Output OFF or ON OpenLoad detection compliant to bulbs or LEDs and short to battery detection. Analog current feedback with selectable ratio and board temperature feedback.




Similar Part No. - SG200

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SG200 FREESCALE-SG200 Datasheet
8Mb / 2P
Dual 6.0 m high-side switch
SG200 FREESCALE-SG200 Datasheet
7Mb / 2P
Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
SG200 FREESCALE-SG200 Datasheet
8Mb / 2P
Quad High Side Switch?봁ual 10 m, Dual 25 m
SG200 FREESCALE-SG200 Datasheet
8Mb / 2P
Dual 10 m high-side switch
SG200 FREESCALE-SG200 Datasheet
8Mb / 2P
Dual 16 mOhm High-Side Switch
More results


Similar Description - SG200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
TOPFET dual high side switch
September 2001 Rev 1.000
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
TOPFET dual high side switch
September 2001 Rev 1.100
logo
Motorola, Inc
MC33289 MOTOROLA-MC33289 Datasheet
345Kb / 10P
Dual High-Side Switch
logo
List of Unclassifed Man...
G526 ETC-G526 Datasheet
89Kb / 6P
Dual USB High-Side Power Switch
logo
NXP Semiconductors
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
TOPFET dual high side switch
May 2001-Rev 1.400
BUK218-50DC PHILIPS-BUK218-50DC Datasheet
50Kb / 9P
TOPFET dual high side switch
October 2001-Rev 2.010
logo
List of Unclassifed Man...
B2526 ETC1-B2526 Datasheet
189Kb / 7P
Dual USB High Side Power Switch
logo
Freescale Semiconductor...
MC33143 FREESCALE-MC33143 Datasheet
281Kb / 8P
Dual High-Side Switch
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
Dual 6.0 mOhm High Side Switch
07XSC200 FREESCALE-07XSC200 Datasheet
764Kb / 51P
Dual High Side Switch
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com