Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA6581T Datasheet (PDF) - NXP Semiconductors

SAA6581T Datasheet PDF - NXP Semiconductors
Part # SAA6581T
Download  SAA6581T Download
File Size   81.68 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description RDS/RBDS demodulator

SAA6581T Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA6581T Datasheet PDF - NXP Semiconductors

Part # SAA6581T
Download  SAA6581T Click to download

File Size   81.68 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description RDS/RBDS demodulator

SAA6581T Datasheet (HTML) - NXP Semiconductors


SAA6581T Product details

GENERAL DESCRIPTION
The RDS/RBDS demodulator is a CMOS device with integrated filtering and demodulating of RDS/RBDS signals coming from a multiplexed input data stream. Data signal RDDA and clock signal RDCL are provided as outputs for further processing by a suitable microcomputer, for example CCR921 and CCR922.
The SAA6581T replaces SAA6579 in function and pin-compatibility.

FEATURES
• Integrated switched capacitor filter
• Demodulates European Radio Data System (RDS) or the USA Radio Broadcast Data System (RBDS) signals
• Oscillator frequencies: 4.332 or 8.664 MHz
• Integrated ARI clamping
• CMOS device
• Single supply voltage: 5 V
• Extended temperature range: −40 to +85 °C
• Low number of external components.

APPLICATIONS
The RDS/RBDS system offers a large range of applications from the many functions that can be implemented. For car radios the most important are:
• Program Service (PS) name
• Traffic Program (TP) identification
• Traffic Announcement (TA) signal
• Alternative Frequency (AF) list
• Program Identification (PI)
• Enhanced Other Networks (EON) information.




Similar Part No. - SAA6581T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
RDS/RBDS demodulator
2001 May 07
More results


Similar Description - SAA6581T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
RDS/RBDS demodulator
2001 May 07
SAA6588 PHILIPS-SAA6588 Datasheet
176Kb / 28P
RDS/RBDS pre-processor
1997 Sep 01
logo
Rohm
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
RDS / RBDS decoder
BU1923 ROHM-BU1923 Datasheet
83Kb / 6P
RDS / RBDS decoder
logo
Sanyo Semicon Device
STK311-050 SANYO-STK311-050 Datasheet
160Kb / 8P
RDS/RBDS Demodulator Synchronization and Error Correction?
logo
STMicroelectronics
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
RDS/RBDS PROCESSOR
Rev. 1
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
RDS / RBDS decoder
logo
STMicroelectronics
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
RDS/RBDS processor
09-Jun-2008
logo
Sanyo Semicon Device
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
RDS(RBDS) Demodulation IC
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
RDS(RBDS) Demodulation IC
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com