Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S36SE Datasheet (PDF) - Delta Electronics, Inc.

S36SE Datasheet PDF - Delta Electronics, Inc.
Part # S36SE
Download  S36SE Download
File Size   205.6 Kbytes
Page   3 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 17W Single output DC/DC Converter

S36SE Datasheet (PDF)

Go To PDF Page Download Datasheet
S36SE Datasheet PDF - Delta Electronics, Inc.

Part # S36SE
Download  S36SE Click to download

File Size   205.6 Kbytes
Page   3 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 17W Single output DC/DC Converter

S36SE Datasheet (HTML) - Delta Electronics, Inc.


S36SE Product details

The Delphi S36SE series, 1x1 sized, 18~75Vin, single output, isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing-Delta Electronics, Inc. This product family is available in either a surface mount or through-hole package and provides up to 17 watts of power or 5A of output current (3.3V and below) in a standard 1x1 form factor (1.10”x0.96”x0.33”). The pinout is compatible with the popular industry standard 1x2 sized products. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions.



FEATURES

♦ High efficiency: 86.5% @3.3V/5A

♦ Industry standard 1x1 pinout

♦ Size: 27.9x24.4x8.7mm (1.10”x0.96”x0.34”)

♦ Fixed frequency operation

♦ 4:1 ultra wide input voltage range

♦ Input UVLO

♦ Output OCP, OVP and OTP

♦ Monotonic startup into normal and pre-bias loads

♦ Output voltage trim ±10%

♦ 2250V isolation and basic insulation

♦ No minimum load required

♦ SMT and Through-hole versions

♦ ISO 9001, TL 9000, ISO 14001, QS9000, OHSAS18001 certified manufacturing facility

♦ UL/cUL 60950-1 (US & Canada) Recognized



APPLICATIONS

♦ Optical Transport

♦ Data Networking

♦ Communications, including Wireless and traditional Telecom

♦ Servers



 




Similar Part No. - S36SE

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE05003 DELTA-S36SE05003 Datasheet
204Kb / 4P
17W Single output DC/DC Converter
S36SE05003EKFA DELTA-S36SE05003EKFA Datasheet
728Kb / 14P
Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE05003EKFB DELTA-S36SE05003EKFB Datasheet
728Kb / 14P
Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE05003EMFA DELTA-S36SE05003EMFA Datasheet
728Kb / 14P
Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE05003EMFB DELTA-S36SE05003EMFB Datasheet
728Kb / 14P
Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
More results


Similar Description - S36SE

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
KDD20-9093 CHINFA-KDD20-9093 Datasheet
176Kb / 2P
DC - DC CONVERTER 17W
logo
MORNSUN Science& Techno...
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
SINGLE OUTPUT DC-DC CONVERTER
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
M-78H-NZ MAKE-PS-M-78H-NZ Datasheet
373Kb / 3P
Single Output DC/DC Converter
M-78R-NZ MAKE-PS-M-78R-NZ Datasheet
435Kb / 4P
Single Output DC/DC Converter
logo
Delta Electronics, Inc.
S36SE3R305 DELTA-S36SE3R305_12 Datasheet
204Kb / 4P
17W Single output DC/DC Converter
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com