Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP721ABG Datasheet (PDF) - Littelfuse

SP721ABG Datasheet PDF - Littelfuse
Part # SP721ABG
Download  SP721ABG Download
File Size   689.13 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP721 Series 3pF 4kV Diode Array

SP721ABG Datasheet (PDF)

Go To PDF Page Download Datasheet
SP721ABG Datasheet PDF - Littelfuse

Part # SP721ABG
Download  SP721ABG Click to download

File Size   689.13 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP721 Series 3pF 4kV Diode Array

SP721ABG Datasheet (HTML) - Littelfuse


SP721ABG Product details

Description
The SP721 is an array of SCR/Diode bipolar structures for ESD and over-voltage protection to sensitive input circuits. The SP721 has 2 protection SCR/Diode device structures per input. There are a total of 6 available inputs that can be used to protect up to 6 external signal or bus lines. Overvoltage protection is from the IN (Pins 1 - 3 and Pins 5 - 7) to V+ or V-.

Features
• ESD Interface Capability for HBM Standards
   - MIL STD 3015.7................................................. 15kV
   - IEC 61000-4-2, Direct Discharge,
   - Single Input .......................................... 4kV (Level 2)
   - Two Inputs in Parallel ............................ 8kV (Level 4)
   - IEC 61000-4-2, Air Discharge...............15kV (Level 4)
• High Peak Current Capability
   - IEC 61000-4-5 (8/20µs) ....................................... ±3A
   - Single Pulse, 100µs Pulse Width ........................ ±2A
   - Single Pulse, 4µs Pulse Width............................ ±5A
• Designed to Provide Over-Voltage Protection
   - Single-Ended Voltage Range to ........................ +30V
   - Differential Voltage Range to ............................ ±15V
• Fast Switching.............................................2ns Rise Time
• Low Input Leakages............................1nA at 25ºC Typical
• Low Input Capacitance.....................................3pF Typical
• An Array of 6 SCR/Diode Pairs
• Operating Temperature Range....................-40ºC to 105ºC

Applications
• Microprocessor/Logic Input Protection
• Data Bus Protection
• Analog Device Input Protection
• Voltage Clamp




Similar Part No. - SP721ABG

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
SP721AB HARRIS-SP721AB Datasheet
176Kb / 6P
ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Littelfuse
SP721AB LITTELFUSE-SP721AB Datasheet
97Kb / 6P
Electronic Protection Array for ESD and Overvoltage Protection
logo
Harris Corporation
SP721ABT HARRIS-SP721ABT Datasheet
176Kb / 6P
ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Littelfuse
SP721ABT LITTELFUSE-SP721ABT Datasheet
97Kb / 6P
Electronic Protection Array for ESD and Overvoltage Protection
More results


Similar Description - SP721ABG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP720ABG LITTELFUSE-SP720ABG Datasheet
405Kb / 6P
SP720 Series 3pF 4kV Rail Clamp Array
logo
Bourns Electronic Solut...
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
TVS Diode Array Series
CDNBS08-T03C BOURNS-CDNBS08-T03C_12 Datasheet
333Kb / 4P
TVS Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
TVS Diode Array Series
logo
Sanken electric
TM2561B-L SANKEN-TM2561B-L Datasheet
52Kb / 2P
TO-3PF 25A Triac
logo
Bourns Electronic Solut...
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
TVS Diode Array Series
CD143A-SR70 BOURNS-CD143A-SR70 Datasheet
134Kb / 3P
Steering Diode Array Series
logo
Taiwan Semiconductor Co...
TESD5V0V4UCU6 TSC-TESD5V0V4UCU6 Datasheet
462Kb / 6P
VWM=5V, 3pF ESD Protection Array
logo
Bourns Electronic Solut...
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
TVS Diode Array Series
logo
Littelfuse
SP8008 LITTELFUSE-SP8008 Datasheet
847Kb / 5P
Series Diode Array
2019 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com