Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6S3 Datasheet (PDF) - Littelfuse

S6S3 Datasheet PDF - Littelfuse
Part # S6S3
Download  S6S3 Download
File Size   980.82 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Teccor brand Thyristors 0.8 Amp Sensitive SCRs

S6S3 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6S3 Datasheet PDF - Littelfuse

Part # S6S3
Download  S6S3 Click to download

File Size   980.82 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Teccor brand Thyristors 0.8 Amp Sensitive SCRs

S6S3 Datasheet (HTML) - Littelfuse


S6S3 Product details

Description
Excellent unidirectional switches for phase control applications such as heating and motor speed controls.
Sensitive gate SCRs are easily triggered with microAmps of current as furnished by sense coils, proximity switches, and microprocessors.

Features & Benefits
• RoHS compliant
• Glass - passivated junctions
• Voltage capability up to 500 V
• Surge capability up to 20 A

Applications
   Typical applications are capacitive discharge systems for strobe lights and gas engine ignition. Also controls for power tools, home/brown goods and white goods appliances.




Similar Part No. - S6S3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6S3 LITTELFUSE-S6S3 Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
S6S3 ETC2-S6S3 Datasheet
205Kb / 12P
RoHS Compliant
S6S3 ETC2-S6S3 Datasheet
205Kb / 12P
RoHS Compliant
More results


Similar Description - S6S3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
Teccor brand Thyristors
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S8X8TSRP LITTELFUSE-S8X8TSRP Datasheet
1Mb / 9P
Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
S4012DRP LITTELFUSE-S4012DRP Datasheet
854Kb / 8P
Teccor brand Thyristors 12 Amp Standard SCRs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
Teccor brand Thyristors
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
Teccor brand Thyristors Teccor brand Thyristors
S4065KTP LITTELFUSE-S4065KTP Datasheet
245Kb / 8P
Teccor brand Thyristors
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com