Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5420 Datasheet (PDF) - Fairchild Semiconductor

SPT5420 Datasheet PDF - Fairchild Semiconductor
Part # SPT5420
Download  SPT5420 Download
File Size   118.87 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 13-BIT, OCTAL D/A CONVERTER

SPT5420 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT5420 Datasheet PDF - Fairchild Semiconductor

Part # SPT5420
Download  SPT5420 Click to download

File Size   118.87 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 13-BIT, OCTAL D/A CONVERTER

SPT5420 Datasheet (HTML) - Fairchild Semiconductor


SPT5420 Product details

GENERAL DESCRIPTION
The SPT5420 contains eight 13-bit digital-to-analog CMOS converters designed primarily for automatic test equipment applications. It uses novel circuit topology to convert the 13-bit digital inputs into output voltages which are proportionate to the applied reference voltages. Each DAC’s full-scale output voltage and output voltage offset are adjustable with analog inputs (RGND, VREFB, VREFT).
The SPT5420 operates over an industrial temperature range of –40 °C to +85 °C and is available in a 10 x 10 mm, 44-lead metric quad flat pack (MQFP) plastic package.

FEATURES
• 13-bit resolution
• Pin compatible with AD7839
• Eight DACs in one package
• Buffered voltage outputs
• Wide output voltage swing VDD–2.5 V to VSS+2.5 V
• 15 µs settling time to ±0.5 LSB
• Double-buffered digital inputs
• Microprocessor and TTL/CMOS compatible

APPLICATIONS
• Automatic test equipment
• Instrumentation
• Process control




Similar Part No. - SPT5420

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT5420 CADEKA-SPT5420 Datasheet
208Kb / 8P
13-BIT, OCTAL D/A CONVERTER
SPT5420SIM CADEKA-SPT5420SIM Datasheet
208Kb / 8P
13-BIT, OCTAL D/A CONVERTER
More results


Similar Description - SPT5420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8800 AD-DAC8800 Datasheet
307Kb / 16P
Octal 8-Bit CMOS D/A Converter
logo
Maxim Integrated Produc...
MX7228 MAXIM-MX7228 Datasheet
379Kb / 12P
CMOS Octal 8-Bit D/A Converter
1989
logo
Cadeka Microcircuits LL...
SPT5420 CADEKA-SPT5420 Datasheet
208Kb / 8P
13-BIT, OCTAL D/A CONVERTER
logo
Hittite Microwave Corpo...
HMCAD1050-40 HITTITE-HMCAD1050-40 Datasheet
788Kb / 14P
Dual 13/12-Bit 20/40 MSPS A/D Converter
HMCAD1050-80 HITTITE-HMCAD1050-80 Datasheet
794Kb / 14P
Dual 13/12-Bit 65/80 MSPS A/D Converter
HMCAD1051-40 HITTITE-HMCAD1051-40 Datasheet
756Kb / 14P
Single 13/12-Bit 20/40 MSPS A/D Converter
HMCAD1051-80 HITTITE-HMCAD1051-80 Datasheet
755Kb / 14P
Single 13/12-Bit 65/80 MSPS A/D Converter
HMCAD1100 HITTITE-HMCAD1100 Datasheet
1Mb / 26P
Octal 13/12-Bit 20/40/50 MSPS A/D Co nverter
HMCAD1101 HITTITE-HMCAD1101 Datasheet
1Mb / 24P
Octal 13/12-Bit 65 MSPS A/D Co nverter
logo
Analog Devices
DAC8800 AD-DAC8800_15 Datasheet
311Kb / 16P
Octal 8 Bit CMOS D/A Converter
REV. A
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com