Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8536AT Datasheet (PDF) - NXP Semiconductors

PCA8536AT Datasheet PDF - NXP Semiconductors
Part # PCA8536AT
Download  PCA8536AT Download
File Size   678.55 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I2C/SPI LCD and PWM LED controller for industrial and automotive applications

PCA8536AT Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA8536AT Datasheet PDF - NXP Semiconductors

Part # PCA8536AT
Download  PCA8536AT Click to download

File Size   678.55 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I2C/SPI LCD and PWM LED controller for industrial and automotive applications

PCA8536AT Datasheet (HTML) - NXP Semiconductors


PCA8536AT Product details

General description

The PCA8536 is a peripheral device which interfaces to almost any Liquid Crystal Display (LCD)1 with low multiplex rates. It generates the drive signals for any multiplexed LCD containing up to eight backplanes, up to 44 segments, and up to 320 elements. The PCA8536 is compatible with most microcontrollers and communicates via the two-line bidirectional I2C-bus (PCA8536AT) or a three line unidirectional SPI-bus (PCA8536BT). Communication overheads are minimized using a display RAM with auto-incremented addressing.



Features and benefits

AEC Q100 compliant for automotive applications.

Single-chip 320 segment LCD controller and driver with 6 channel PWM generator

6 channel PWM generator for backlight LED illumination

Selectable display bias configuration

Wide range for digital power supply: from 1.8 V to 5.5 V

Wide LCD supply range: from 2.5 V for low threshold LCDs and up to 9.0 V for high threshold twisted nematic LCDs

Low power consumption

Selectable backplane drive configuration: 4, 6, or 8 backplane multiplexing

LCD and logic supplies may be separated

320-bit RAM for display data storage

6 PWM outputs with a 7-bit resolution (128 steps) and drivers for external transistors

Programmable PWM frame frequency to avoid LCD backlight flickering

Extended temperature range up to 95oC

400 kHz I2C-bus interface (PCA8536AT)

5 MHz SPI-bus interface (PCA8536BT)

Programmable frame frequency in the range of 60 Hz to 300 Hz in steps of 10 Hz; factory calibrated

320 segments driven allowing:

up to 40 7-segment alphanumeric characters

up to 20 14-segment alphanumeric characters

any graphics of up to 320 elements

Manufactured insilicon gate CMOS process



Applications

Car Radio

Climate Control

Dash board display




Similar Part No. - PCA8536AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8536AT NXP-PCA8536AT Datasheet
2Mb / 74P
Automotive LCD driver for low multiplex rates including a 6 channel PWM generator
Rev. 2-21 February 2012
PCA8536AT NXP-PCA8536AT Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCA8536AT NXP-PCA8536AT Datasheet
495Kb / 55P
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCA8536AT NXP-PCA8536AT Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCA8536AT NXP-PCA8536AT Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
More results


Similar Description - PCA8536AT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_10 Datasheet
2Mb / 108P
Multimedia Applications Processors for Industrial and Automotive Products
logo
Sumida Corporation
CBM5D33 SUMIDA-CBM5D33_16 Datasheet
238Kb / 2P
Automotive and Industrial Applications
logo
Sanken electric
SFA0002 SANKEN-SFA0002 Datasheet
470Kb / 12P
PWM Controller for Automotive Applications
logo
Texas Instruments
TPS92518-Q1 TI1-TPS92518-Q1 Datasheet
204Kb / 7P
Automotive Dual Channel Buck LED Controller with SPI Interface, Analog and PWM Dimming
logo
OSRAM GmbH
SFH7770 OSRAM-SFH7770 Datasheet
243Kb / 22P
Not for design in automotive and industrial applications
logo
AVX Corporation
NP30 AVX-NP30 Datasheet
401Kb / 10P
Commercial, Industrial and Automotive Applications
logo
NXP Semiconductors
DEVKIT-MPC5748G NXP-DEVKIT-MPC5748G Datasheet
1Mb / 23P
Ultra-Reliable MCUs for Industrial and Automotive Applications
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com