Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD05-7 Datasheet (PDF) - Diodes Incorporated

SD05-7 Datasheet PDF - Diodes Incorporated
Part # SD05-7
Download  SD05-7 Download
File Size   181.13 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description UNI-DIRECTIONAL SURFACE MOUNT TVS

SD05-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD05-7 Datasheet PDF - Diodes Incorporated

Part # SD05-7
Download  SD05-7 Click to download

File Size   181.13 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description UNI-DIRECTIONAL SURFACE MOUNT TVS

SD05-7 Datasheet (HTML) - Diodes Incorporated


SD05-7 Product details

Features
• 350 Watts Peak Pulse Power (tp = 8x20μs)
• IEC 61000-4-2 (ESD): Air – 15kV, Contact – 8kV
• IEC 61000-4-2 (ESD), HBM – 16kV
• IEC61000-4-4 (EFT): Level 4, 40A
• IEC61000-4-5 (Lightning): 24A
• Unidirectional Configuration
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - SD05-7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SD05-01FTG LITTELFUSE-SD05-01FTG Datasheet
699Kb / 4P
450W Discrete Unidirectional TVS Diode
SD05-01FTG LITTELFUSE-SD05-01FTG Datasheet
1,004Kb / 7P
450W Discrete Unidirectional TVS Diode
More results


Similar Description - SD05-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD05 DIODES-SD05 Datasheet
74Kb / 4P
UNI-DIRECTIONAL SURFACE MOUNT TVS
DS31594 Rev. 4 - 2
logo
WILLAS ELECTRONIC CORP
VGFM5.0A-FN5 WILLAS-VGFM5.0A-FN5 Datasheet
289Kb / 3P
90W SURFACE MOUNT UNI-DIRECTIONAL TVS DIODE-5.0V
VGFM11A-FN5 WILLAS-VGFM11A-FN5 Datasheet
291Kb / 3P
90W SURFACE MOUNT UNI-DIRECTIONAL TVS DIODE-11V
VGFM24A-FN5 WILLAS-VGFM24A-FN5 Datasheet
289Kb / 3P
90W SURFACE MOUNT UNI-DIRECTIONAL TVS DIODE-24V
logo
Central Semiconductor C...
CMNTVS5V0 CENTRAL-CMNTVS5V0 Datasheet
911Kb / 4P
SURFACE MOUNT SILICON UNI-DIRECTIONAL
CMNTVS12V CENTRAL-CMNTVS12V Datasheet
917Kb / 4P
SURFACE MOUNT SILICON UNI-DIRECTIONAL
logo
SeCoS Halbleitertechnol...
SD24-C SECOS-SD24-C Datasheet
123Kb / 2P
TVS Protection (Uni-Directional)
SD36 SECOS-SD36_17 Datasheet
300Kb / 2P
TVS Protection (Uni-Directional)
logo
Shanghai Leiditech Elec...
SD0791P1W LEIDITECH-SD0791P1W Datasheet
1Mb / 4P
UNI-DIRECTIONAL TVS DIODE
logo
First Silicon Co., Ltd
FTVS2491D2 FS-FTVS2491D2 Datasheet
319Kb / 4P
Uni-directional TVS Diode
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com