Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2D150A Datasheet (PDF) - Sharp Corporation

GP2D150A Datasheet PDF - Sharp Corporation
Part # GP2D150A
Download  GP2D150A Download
File Size   266.54 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Factory set trigger point: 15째

GP2D150A Datasheet (PDF)

Go To PDF Page Download Datasheet
GP2D150A Datasheet PDF - Sharp Corporation

Part # GP2D150A
Download  GP2D150A Click to download

File Size   266.54 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Factory set trigger point: 15째

GP2D150A Datasheet (HTML) - Sharp Corporation


GP2D150A Product details

DESCRIPTION
The GP2D150A is a distance measuring sensor with digital output.

FEATURES
• Factory set trigger point: 15°
• Digital Output
• Range: 4 to 30 cm
• Typical response time: 39 ms
• Typical start up delay: 46 ms
• Average current consumption: 33 mA




Similar Part No. - GP2D150A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D150A SHARP-GP2D150A Datasheet
47Kb / 4P
General Purpose Distance Measuring Sensor
More results


Similar Description - GP2D150A

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
52500 MICROPAC-52500 Datasheet
146Kb / 2P
HEATER, 18V, 9W, FACTORY SET TEMPERATURE
logo
Molex Electronics Ltd.
1301370213 MOLEX11-1301370213 Datasheet
34Kb / 1P
Super-Safeway Factory-Wired, 3-Phase Stringer Set, 2-Sided
1301370214 MOLEX11-1301370214 Datasheet
34Kb / 1P
Super-Safeway Factory-Wired, 3-Phase Stringer Set, 2-Sided
logo
Ledil, Inc.
CP13072 LEDIL-CP13072 Datasheet
2Mb / 5P
~15째 15째 rectangular beam
C12607 LEDIL-C12607 Datasheet
7Mb / 7P
~15째 spot beam
C16899 LEDIL-C16899 Datasheet
2Mb / 5P
~15째 spot beam
C16907 LEDIL-C16907 Datasheet
2Mb / 5P
~15째 spot beam
F13700 LEDIL-F13700 Datasheet
6Mb / 15P
~15째 spot beam
C17246 LEDIL-C17246 Datasheet
1Mb / 5P
~15째 spot beam
logo
Toshiba Semiconductor
TMPA8893CRCNG7D65 TOSHIBA-TMPA8893CRCNG7D65 Datasheet
407Kb / 18P
8893CRCNG7D65 Factory Factory Factory Factory adjust manual
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com