Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC367NTJ000F Datasheet (PDF) - Sharp Corporation

PC367NTJ000F Datasheet PDF - Sharp Corporation
Part # PC367NTJ000F
Download  PC367NTJ000F Download
File Size   211.52 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Mini-flat Package High CMR, Low Input Current Type Photocoupler

PC367NTJ000F Datasheet (PDF)

Go To PDF Page Download Datasheet
PC367NTJ000F Datasheet PDF - Sharp Corporation

Part # PC367NTJ000F
Download  PC367NTJ000F Click to download

File Size   211.52 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Mini-flat Package High CMR, Low Input Current Type Photocoupler

PC367NTJ000F Datasheet (HTML) - Sharp Corporation


PC367NTJ000F Product details

■ Description
PC367NJ0000F contains an IRED optically coupled to a phototransistor.
It is packaged in a 4-pin mini-flat.
Low input current type.
Input-output isolation voltage(rms) is 3.75kV.
Collector-emitter voltage is 80V and CTR is 100% to 500% at input current of 0.5mA.

■ Features
1. 4-pin Mini-flat package
2. Double transfer mold package (Ideal for Flow
   Soldering)
3. Low input current type (IF=0.5mA)
4. High collector-emitter voltage (VCEO : 80V)
5. High noise immunity due to high common mode
   rejection voltage (CMR : MIN. 10kV/µs)
6. High isolation voltage between input and output
   (Viso(rms) : 3.75kV)
7. Lead-free and RoHS directive compliant

■ Applications
1. Programmable controllers
2. Facsimiles
3. Telephones




Similar Part No. - PC367NTJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
Low Input Current Type Photocoupler
More results


Similar Description - PC367NTJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC352NJ0000F SHARP-PC352NJ0000F Datasheet
238Kb / 14P
Mini-flat Package, High CMR Photocoupler
PC364NJ0000F SHARP-PC364NJ0000F Datasheet
241Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC367NJ0000F SHARP-PC367NJ0000F Datasheet
240Kb / 14P
Mini-flat Package High CMR, Low Input Current Type Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC367N1J000F SHARP-PC367N1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC3H710NIP0F SHARP-PC3H710NIP0F Datasheet
198Kb / 13P
Mini-flat Half Pitch Package High CMR, Low Input Current Photocoupler
PC3H711NIP0F SHARP-PC3H711NIP0F Datasheet
198Kb / 13P
Mini-flat Half Pitch Package High CMR, Low Input Current Photocoupler
PC3H411NIP SHARP-PC3H411NIP Datasheet
189Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC364M1J000F SHARP-PC364M1J000F Datasheet
212Kb / 14P
Mini-Flat Package High CMR, AC Input, Low Input Current Type Photocoupler
PC3H411NIP0F SHARP-PC3H411NIP0F Datasheet
396Kb / 13P
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com