Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP10N10E Datasheet (PDF) - Motorola, Inc

MTP10N10E Datasheet PDF - Motorola, Inc
Part # MTP10N10E
Download  MTP10N10E Download
File Size   237.95 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FETs 10 AMPERES 100 VOLTS RDS(on) = 0.25 OHM

MTP10N10E Datasheet (PDF)

Go To PDF Page Download Datasheet
MTP10N10E Datasheet PDF - Motorola, Inc

Part # MTP10N10E
Download  MTP10N10E Click to download

File Size   237.95 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FETs 10 AMPERES 100 VOLTS RDS(on) = 0.25 OHM

MTP10N10E Datasheet (HTML) - Motorola, Inc


MTP10N10E Product details

TMOS IV Power Field Effect Transistor

N-Channel Enhancement-Mode Silicon Gate



This advanced “E” series of TMOS power MOSFETs is designed to withstand high energy in the avalanche and commutation modes. These new energy efficient devices also offer drain–to–source diodes with fast recovery times. Designed for low voltage, high speed switching applications in power supplies, converters and PWM motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating area are critical, and offer additional safety margin against unexpected voltage transients.



• Internal Source–to–Drain Diode Designed to Replace External

   Zener Transient Suppressor — Absorbs High Energy in the

   Avalanche Mode — Unclamped Inductive Switching (UIS)

   Energy Capability Specified at 100°C

• Commutating Safe Operating Area (CSOA) Specified for Use in Half and Full Bridge Circuits

• Source–to–Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode

• Diode is Characterized for Use in Bridge Circuits



 




Similar Part No. - MTP10N10E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP10N10E ONSEMI-MTP10N10E Datasheet
242Kb / 8P
Power MOSFET
August, 2006 ??Rev. 2
logo
Inchange Semiconductor ...
MTP10N10E ISC-MTP10N10E Datasheet
393Kb / 2P
isc N-Channel MOSFET Transistor
logo
Motorola, Inc
MTP10N10EL MOTOROLA-MTP10N10EL Datasheet
221Kb / 8P
TMOS POWER FET 10 AMPERES 100 VOLTS RDS(on) = 0.22 OHMS
logo
ON Semiconductor
MTP10N10EL ONSEMI-MTP10N10EL Datasheet
107Kb / 8P
Power MOSFET 10 A, 100 V, Logic Level, N?묬hannel TO??20
March, 2005 ??Rev. 4
MTP10N10ELG ONSEMI-MTP10N10ELG Datasheet
107Kb / 8P
Power MOSFET 10 A, 100 V, Logic Level, N?묬hannel TO??20
March, 2005 ??Rev. 4
More results


Similar Description - MTP10N10E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTD9N10E MOTOROLA-MTD9N10E Datasheet
257Kb / 10P
TMOS POWER FET 9.0 AMPERES 100 VOLTS RDS(on) = 0.25 OHM
MTP12P10 MOTOROLA-MTP12P10 Datasheet
190Kb / 6P
TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.3 OHM
MTP16N25E MOTOROLA-MTP16N25E Datasheet
222Kb / 8P
TMOS POWER FET 16 AMPERES 250 VOLTS RDS(on) = 0.25 OHM
MTP27N10E MOTOROLA-MTP27N10E Datasheet
230Kb / 8P
TMOS POWER FET 27 AMPERES 100 VOLTS RDS(on) = 0.07 OHM
MTP33N10E MOTOROLA-MTP33N10E Datasheet
240Kb / 8P
TMOS POWER FET 33 AMPERES 100 VOLTS RDS(on) = 0.06 OHM
MTP40N10E MOTOROLA-MTP40N10E Datasheet
160Kb / 8P
TMOS POWER FET 40 AMPERES 100 VOLTS RDS(on) = 0.04 OHM
MTW33N10E MOTOROLA-MTW33N10E Datasheet
227Kb / 8P
TMOS POWER FET 33 AMPERES 100 VOLTS RDS(on) = 0.06 OHM
MTW45N10E MOTOROLA-MTW45N10E Datasheet
155Kb / 8P
TMOS POWER FET 45 AMPERES 100 VOLTS RDS(on) = 0.035 OHM
MTY100N10E MOTOROLA-MTY100N10E Datasheet
216Kb / 8P
TMOS POWER FET 100 AMPERES 100 VOLTS RDS(on) = 0.011 OHM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com