Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8582 Datasheet (PDF) - Analog Devices

AD8582 Datasheet PDF - Analog Devices
Part # AD8582
Download  AD8582 Download
File Size   192.87 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 Volt, Parallel Input Complete Dual 12-Bit DAC

AD8582 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8582 Datasheet PDF - Analog Devices

Part # AD8582
Download  AD8582 Click to download

File Size   192.87 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 Volt, Parallel Input Complete Dual 12-Bit DAC

AD8582 Datasheet (HTML) - Analog Devices


AD8582 Product details

GENERAL DESCRIPTION
The AD8582 is a complete, parallel input, dual 12-bit, voltage output DAC designed to operate from a single +5 volt supply. Built using a CBCMOS process, this monolithic DAC offers the user low cost, and ease-of-use in +5 volt only systems.
   
FEATURES
    Complete Dual 12-Bit DAC
    No External Components
    Single +5 Volt Operation
    1 mV/Bit with 4.095 V Full Scale
    True Voltage Output, ±5 mA Drive
    Very Low Power: 5 mW
   
APPLICATIONS
    Digitally Controlled Calibration
    Portable Equipment
    Servo Controls
    Process Control Equipment
    PC Peripherals
   




Similar Part No. - AD8582

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8582 AD-AD8582 Datasheet
309Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV.0
AD8582AN AD-AD8582AN Datasheet
309Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV.0
AD8582AN AD-AD8582AN Datasheet
312Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582AR AD-AD8582AR Datasheet
309Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV.0
AD8582AR AD-AD8582AR Datasheet
312Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
More results


Similar Description - AD8582

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8300 AD-AD8300 Datasheet
245Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV.A
AD8522 AD-AD8522 Datasheet
240Kb / 8P
5 Volt, Serial Input, Dual 12-Bit DAC
REV.A
AD8582 AD-AD8582 Datasheet
309Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV.0
DAC8562 AD-DAC8562 Datasheet
636Kb / 16P
5 Volt, Parallel Input Complete 12-Bit DAC
REV.A
AD8522ARZ AD-AD8522ARZ Datasheet
244Kb / 8P
5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
AD8582ARZ AD-AD8582ARZ Datasheet
312Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
DAC8562FSZ AD-DAC8562FSZ Datasheet
639Kb / 16P
5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
AD8300 AD-AD8300_15 Datasheet
244Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV. A
AD8582 AD-AD8582_15 Datasheet
312Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
DAC8562 AD-DAC8562_15 Datasheet
639Kb / 16P
5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com