Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9754ARU Datasheet (PDF) - Analog Devices

AD9754ARU Datasheet PDF - Analog Devices
Part # AD9754ARU
Download  AD9754ARU Download
File Size   326.22 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 125 MSPS High Performance TxDAC D/A Converter

AD9754ARU Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9754ARU Datasheet PDF - Analog Devices

Part # AD9754ARU
Download  AD9754ARU Click to download

File Size   326.22 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 125 MSPS High Performance TxDAC D/A Converter

AD9754ARU Datasheet (HTML) - Analog Devices


AD9754ARU Product details

PRODUCT DESCRIPTION
The AD9754 is a 14-bit resolution, wideband, second generation member of the TxDAC series of high performance, low power CMOS digital-to-analog-converters (DACs). The TxDAC family, which consists of pin compatible 8-, 10-, 12- and 14-bit DACs, is specifically optimized for the transmit signal path of communication systems. All of the devices share the same interface options, small outline package and pinout, providing an upward or downward component selection path based on performance, resolution and cost. The AD9754 offers exceptional ac and dc performance while supporting update rates up to 125 MSPS.

FEATURES
   High Performance Member of Pin-Compatible
      TxDAC Product Family
   125 MSPS Update Rate
   14-Bit Resolution
   Excellent Spurious Free Dynamic Range Performance
   SFDR to Nyquist @ 5 MHz Output: 83 dBc
   Differential Current Outputs: 2 mA to 20 mA
   Power Dissipation: 185 mW @ 5 V
   Power-Down Mode: 20 mW @ 5 V
   On-Chip 1.20 V Reference
   CMOS-Compatible +2.7 V to +5.5 V Digital Interface
   Package: 28-Lead SOIC, TSSOP Packages
   Edge-Triggered Latches

APPLICATIONS
   Wideband Communication Transmit Channel:
      Direct IF
      Basestations
      Wireless Local Loop
      Digital Radio Link
   Direct Digital Synthesis (DDS)
   Instrumentation




Similar Part No. - AD9754ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9754ARU AD-AD9754ARU Datasheet
327Kb / 24P
14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.A
More results


Similar Description - AD9754ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9750 AD-AD9750 Datasheet
302Kb / 22P
10-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.0
AD9752 AD-AD9752 Datasheet
364Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.0
AD9754 AD-AD9754 Datasheet
327Kb / 24P
14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.A
AD9764 AD-AD9764 Datasheet
307Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9767 AD-AD9767 Datasheet
469Kb / 27P
14-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9752ARUZ AD-AD9752ARUZ Datasheet
361Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9752ARZRL AD-AD9752ARZRL Datasheet
361Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com