Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG506A Datasheet (PDF) - Analog Devices

ADG506A Datasheet PDF - Analog Devices
Part # ADG506A
Download  ADG506A Download
File Size   133.03 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 8-/16-Channel Analog Multiplexers

ADG506A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG506A Datasheet PDF - Analog Devices

Part # ADG506A
Download  ADG506A Click to download

File Size   133.03 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 8-/16-Channel Analog Multiplexers

ADG506A Datasheet (HTML) - Analog Devices


ADG506A Product details

GENERAL DESCRIPTION

The ADG506A and ADG507A are CMOS monolithic analog multiplexers with 16 channels and dual 8 channels, respectively. The ADG506A switches one of 16 inputs to a common output, depending on the state of four binary addresses and an enable input. The ADG507A switches one of eight differential inputs to a common differential output, depending on the state of three binary addresses and an enable input. Both devices have TTL and 5 V CMOS logic compatible digital inputs.



PRODUCT HIGHLIGHTS

1. Single/Dual Supply Specifications with a Wide Tolerance

   The devices are specified in the 10.8 V to 16.5 V range for both single and dual supplies.

2. Extended Signal Range

   The enhanced LC2MOS processing results in a high break down and an increased analog signal range of VSS to VDD.

3. Break-Before-Make Switching

   Switches are guaranteed break-before-make so input signals are protected against momentary shorting.

4. Low Leakage

   Leakage currents in the range of 20 pA make these multiplexers suitable for high precision circuits.

  

FEATURES

  44 V Supply Maximum Rating

  VSS to VDD Analog Signal Range

  Single/Dual Supply Specifications

  Wide Supply Ranges (10.8 V to 16.5 V)

  Extended Plastic Temperature Range (–408C to +858C)

  Low Power Dissipation (28 mW max)

  Low Leakage (20 pA typ)

  Available in 28-Lead DIP, SOIC, PLCC, TSSOP and LCCC Packages

  Superior Alternative to:

     DG506A, Hl-506

     DG507A, Hl-507



 




Similar Part No. - ADG506A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG506A AD-ADG506A Datasheet
134Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV.C
ADG506A AD-ADG506A Datasheet
133Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A Datasheet
133Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A Datasheet
143Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A Datasheet
143Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results


Similar Description - ADG506A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG506A AD-ADG506A Datasheet
134Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV.C
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE-883B AD-ADG506ATE-883B Datasheet
143Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKRZ AD-ADG507AKRZ Datasheet
143Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKNZ AD-ADG506AKNZ Datasheet
143Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE AD-ADG506ATE Datasheet
133Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
133Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
154Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKPZ AD-ADG507AKPZ Datasheet
143Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com