Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM101EARM Datasheet (PDF) - Analog Devices

ADM101EARM Datasheet PDF - Analog Devices
Part # ADM101EARM
Download  ADM101EARM Download
File Size   73.73 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Craft PortTM Tiny RS-232 Transceiver for Portable Applications

ADM101EARM Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM101EARM Datasheet PDF - Analog Devices

Part # ADM101EARM
Download  ADM101EARM Click to download

File Size   73.73 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Craft PortTM Tiny RS-232 Transceiver for Portable Applications

ADM101EARM Datasheet (HTML) - Analog Devices


ADM101EARM Product details

GENERAL DESCRIPTION
The ADM101E is a single channel RS-232 driver and receiver in the Analog Devices Craft Port series, designed to operate from a single, 5 V supply. A highly efficient charge-pump voltage inverter generates an on-chip −5 V supply, which eliminates the need for a negative power supply for the driver and permits RS-232 compatible output levels to be developed using charge pump capacitors as small as 0.1 μF.
   
FEATURES
    460 kbit/s Transmission Rate
    Single 5 V Power Supply
    Compatible with RS-232 Input/Output Levels
    0.1 μF Charge Pump Capacitors
    One Driver and One Receiver
    On-Board DC-DC Converter
    ±4.2 V Output Swing with 5 V Supply
    Low Power BiCMOS: 500 μA ICC
    Ultralow Power (1 μA) Shutdown Mode
    10-Lead MSOP Package
    Qualified for Automotive Applications
   
APPLICATIONS
    Mobile Telephones
    Palmtop Computers
    PDAs
    Portable Instrumentation
    GPS Receivers
   




Similar Part No. - ADM101EARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM101EARM AD-ADM101EARM Datasheet
64Kb / 6P
Craft PortTM Tiny RS-232 Transceiver for Portable Applications
REV.0
ADM101EARM AD-ADM101EARM Datasheet
200Kb / 12P
Craft Port™ Tiny RS-232 Transceiver for Portable Applications
Rev. B
ADM101EARM-REEL AD-ADM101EARM-REEL Datasheet
200Kb / 12P
Craft Port™ Tiny RS-232 Transceiver for Portable Applications
Rev. B
ADM101EARM-REEL7 AD-ADM101EARM-REEL7 Datasheet
200Kb / 12P
Craft Port™ Tiny RS-232 Transceiver for Portable Applications
Rev. B
ADM101EARMZ AD-ADM101EARMZ Datasheet
80Kb / 6P
Craft PortTM Tiny RS-232 Transceiver for Portable Applications
REV. A
More results


Similar Description - ADM101EARM

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP331 SIPEX-SP331 Datasheet
169Kb / 13P
Programmable RS-232/RS-485 Transceiver
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
Programmable RS-232/RS-485 Transceiver
logo
Analog Devices
ADM101E AD-ADM101E Datasheet
64Kb / 6P
Craft PortTM Tiny RS-232 Transceiver for Portable Applications
REV.0
logo
List of Unclassifed Man...
9501 ETC2-9501 Datasheet
32Kb / 3P
Computer Cable for EIA RS-232 Applications
logo
Analog Devices
ADM101EARMZ AD-ADM101EARMZ Datasheet
80Kb / 6P
Craft PortTM Tiny RS-232 Transceiver for Portable Applications
REV. A
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
SP334CT-L-TR EXAR-SP334CT-L-TR Datasheet
725Kb / 14P
Programmable RS-232/RS-485 Transceiver
logo
Analog Devices
ADM101E AD-ADM101E_V01 Datasheet
200Kb / 12P
Craft Port™ Tiny RS-232 Transceiver for Portable Applications
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com