Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM825 Datasheet (PDF) - Analog Devices

ADM825 Datasheet PDF - Analog Devices
Part # ADM825
Download  ADM825 Download
File Size   206.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23

ADM825 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM825 Datasheet PDF - Analog Devices

Part # ADM825
Download  ADM825 Click to download

File Size   206.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23

ADM825 Datasheet (HTML) - Analog Devices


ADM825 Product details

GENERAL DESCRIPTION
The ADM823/ADM824/ADM825 are supervisory circuits that monitor power supply voltage levels and code execution integrity in microprocessor-based systems. In addition to providing power-on reset signals, an on-chip watchdog timer can reset the microprocessor if it fails to strobe within a preset timeout period. A reset signal can also be asserted by an external push-button, through a manual reset input. The three parts feature different combinations of watchdog input, manual reset input, and output stage configuration, as shown in Table 1.

FEATURES
   Precision 2.5 V to 5 V power supply monitor
   7 reset threshold options: 2.19 V to 4.63 V
   140 ms (minimum) reset timeout
   Watchdog timer with 1.6 sec timeout (ADM823, ADM824)
   Manual reset input (ADM823, ADM825)
   Push-pull output stages
      RESET (ADM823)
      RESET, RESET (ADM824/ADM825)
   Low power consumption: 5 µA
   Guaranteed reset output valid to VCC = 1 V
   Power supply glitch immunity
   Specified over automotive temperature range
   5-lead SC70 and SOT-23 packages

APPLICATIONS
   Microprocessor systems
   Computers
   Controllers
   Intelligent instruments
   Portable equipment




Similar Part No. - ADM825

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM825 AD-ADM825 Datasheet
180Kb / 10P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
ADM825 AD-ADM825 Datasheet
197Kb / 12P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. C
ADM825 AD-ADM825 Datasheet
206Kb / 12P
aSupervisory Circuits with Watchdog and
REV. D
ADM825 AD-ADM825 Datasheet
206Kb / 12P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. D
ADM825LYKS-R7 AD-ADM825LYKS-R7 Datasheet
180Kb / 10P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
More results


Similar Description - ADM825

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
ADM823 AD-ADM823 Datasheet
180Kb / 10P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
ADM823_VC AD-ADM823_VC Datasheet
197Kb / 12P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. C
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM825TYRJ-R7 AD-ADM825TYRJ-R7 Datasheet
206Kb / 12P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. D
ADM823 AD-ADM823_15 Datasheet
206Kb / 12P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM824 AD-ADM824_15 Datasheet
206Kb / 12P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM825 AD-ADM825_15 Datasheet
206Kb / 12P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com